データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2015D1YZHR データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA2015D1YZHR
部品情報  2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2015D1YZHR データシート(HTML) 6 Page - Texas Instruments

Back Button TPA2015D1YZHR Datasheet HTML 2Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 3Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 4Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 5Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 6Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 7Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 8Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 9Page - Texas Instruments TPA2015D1YZHR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
IN+
IN–
+
VBAT
1 F
m
1 F
m
2.2 H
m
Load
OUT+
OUT–
Measurement
Output
TPA2015D1
Measurement
Input
+
+
10 F
m
22 F
m
Supply
GND
30kHz
Low-Pass
Filter
SW
PVDD
PVOUT
TPA2015D1
SLOS638 – MAY 2010
www.ti.com
OPERATING CHARACTERISTICS (continued)
VBAT= 3.6 V, TA = 25°C, RL = 8 Ω + 33 mH (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fAUDIO = 20 Hz, CIN = 1 mF
–0.2
–0.1
0
Audio frequency passband ripple
dB
fAUDIO = 16 kHz, CIN = 1 mF
–0.2
–0.1
0
AUTOMATIC GAIN CONTROL
AGC gain range
0
20
dB
AGC gain step size
0.5
dB
AGC attack time (gain decrease)
0.026
ms/dB
AGC release time (gain increase)
1600
ms/dB
Limiter threshold voltage
VBAT > inflection point
6.15
V
VBAT vs. Limiter slope
VBAT < inflection point
3
V/V
AGC option 1, RAGC = 39 kΩ (±5%)
3.55
AGC inflection point
AGC option 2, RAGC = 27 kΩ (±5%)
3.78
V
AGC option 3, RAGC = 18 kΩ (±5%)
3.96
TEST SET-UP FOR GRAPHS
(1)
The 1 µF input capacitors (CI) were shorted for input common-mode voltage measurements.
(2)
A 33 mH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3)
The 30 kHz low-pass filter is required even if the analyzer has an internal low-pass filter. An R-C low pass filter
(100
Ω, 47 nF) is used on each output for the data sheet graphs.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPA2015D1


同様の部品番号 - TPA2015D1YZHR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2015D1YZHR TI-TPA2015D1YZHR Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1YZHR TI-TPA2015D1YZHR Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1YZHR TI-TPA2015D1YZHR Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1YZHR TI-TPA2015D1YZHR Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
More results

同様の説明 - TPA2015D1YZHR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
logo
Diodes Incorporated
PAM8905 DIODES-PAM8905 Datasheet
565Kb / 9P
   1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
logo
Texas Instruments
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1 Datasheet
1Mb / 20P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com