データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3DV20812RHH データシート(PDF) 6 Page - Texas Instruments

部品番号 TS3DV20812RHH
部品情報  2-Gbps DIFFERENTIAL SWITCH 8-Bit, 1:2 MULTIPLEXER/DEMULTIPLEXER WITH 3-SIDE BAND SIGNALS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3DV20812RHH データシート(HTML) 6 Page - Texas Instruments

Back Button TS3DV20812RHH Datasheet HTML 2Page - Texas Instruments TS3DV20812RHH Datasheet HTML 3Page - Texas Instruments TS3DV20812RHH Datasheet HTML 4Page - Texas Instruments TS3DV20812RHH Datasheet HTML 5Page - Texas Instruments TS3DV20812RHH Datasheet HTML 6Page - Texas Instruments TS3DV20812RHH Datasheet HTML 7Page - Texas Instruments TS3DV20812RHH Datasheet HTML 8Page - Texas Instruments TS3DV20812RHH Datasheet HTML 9Page - Texas Instruments TS3DV20812RHH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TS3DV20812
SCDS302 – JUNE 2010
www.ti.com
DYNAMIC CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V, RL = 50 Ω, CL = 10 pF (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
XTALK
Differential crosstalk
825 MHz, 1.65Gbps, RL = 50 Ω, CL = 10 pF, see Figure 11
-34.67
dB
OIRR
Differential OFF isolation
825 MHz, 1.65Gbps, RL = 50 Ω, CL = 10 pF, see Figure 12
-19.09
dB
ILOSS
Differential insertion loss
825 MHz, 1.65Gbps, RL = 50 Ω, CL = 10 pF, seeFigure 13
-2.84
dB
IRETURN
Differential return loss
825 MHz, 1.65Gbps, RL = 50 Ω, CL = 10 pF, see Figure 13
-9.43
dB
DR
Data rate
2.20
Gbps
BW
Differential bandwidth
1.10
Ghz
DYNAMIC CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 2.5 V ± 0.25 V, RL = 50 Ω, CL = 10 pF (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
XTALK
Differential crosstalk
825 MHz, 1.65Gbps, RL = 50 Ω, CL = 10 pF, see Figure 7
-34.94
dB
OIRR
Differential OFF isolation
825 MHz, 1.65Gbps, RL = 50 Ω, CL = 10 pF, see Figure 8
-18.39
dB
ILOSS
Differential insertion loss
825 MHz, 1.65Gbps, RL = 50 Ω, CL = 10 pF, see Figure 9
-3.07
dB
IRETURN
Differential return loss
825 MHz, 1.65Gbps, RL = 50 Ω, CL = 10 pF, see Figure 9
-9.56
dB
DR
Data rate
2.20
Gbps
BW
Differential bandwidth
1.10
Ghz
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TS3DV20812


同様の部品番号 - TS3DV20812RHH

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3DV20812RHH TI-TS3DV20812RHH Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
TS3DV20812RHHR TI-TS3DV20812RHHR Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
More results

同様の説明 - TS3DV20812RHH

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3DV20812 TI-TS3DV20812 Datasheet
1Mb / 20P
[Old version datasheet]   2-Gbps DIFFRETIAL SWITCH 8-bit, 1:2 MULTIPLEXER/DEMULTIPEXER WITH 3-SIDE BAND SIGNALS
logo
Fairchild Semiconductor
NC7SB3257 FAIRCHILD-NC7SB3257_05 Datasheet
190Kb / 10P
   2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
NC7SB3257 ONSEMI-NC7SB3257 Datasheet
280Kb / 7P
   2:1 Multiplexer/Demultiplexer Bus Switch
May 2016 Rev. 1.13
74FST3257 ONSEMI-74FST3257_18 Datasheet
99Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
May, 2018 ??Rev. 8
logo
Fairchild Semiconductor
FST3257 FAIRCHILD-FST3257 Datasheet
96Kb / 5P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
logo
ON Semiconductor
74FST3257 ONSEMI-74FST3257_11 Datasheet
145Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
June, 2011 ??Rev. 7
FST3257 ONSEMI-FST3257 Datasheet
575Kb / 12P
   Quad 2:1 Multiplexer / Demultiplexer Bus Switch
May 2009 Rev. 1.0.3
74FST3257 ONSEMI-74FST3257_07 Datasheet
96Kb / 8P
   Quad 2:1 Multiplexer/Demultiplexer Bus Switch
January, 2007 ??Rev. 4
74FST3257 ONSEMI-74FST3257 Datasheet
85Kb / 8P
   Quad 2:1 Multiplexer/ Demultiplexer Bus Switch
January, 2005 ??Rev. 2
logo
Maxim Integrated Produc...
MAX9396 MAXIM-MAX9396 Datasheet
168Kb / 13P
   2:1 Multiplexer and 1:2 Demultiplexer with Loopback
Rev 0; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com