データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DL-1X データシート(PDF) 1 Page - Richco, Inc.

部品番号 DL-1X
部品情報  DOOR LATCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICHCO [Richco, Inc.]
ホームページ  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

DL-1X データシート(HTML) 1 Page - Richco, Inc.

  DL-1X Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.079-.000
+.004 2.00
0.00
+0.10
.315-.000
+.004 8.00
0.00
+0.10
.276-.000
+.008 7.00
0.00
+0.20
R.016 0.40
(4X)
.165 [4.20]
.244 [6.20]
.07 [1.8]
A
RELEASED FOR PRODUCTION, CO 200114
SK
01/30/08
.433-.008
+.000 11.00
-0.20
0.00
.315-.008
+.000 8.00
-0.20
0.00
.118 3.00
.18 4.5
.51 13.0
REF
.14 3.5
.19 5.0
REF
.591 15.00
.276-.008
+.000 7.00
-0.20
0.00
.118 3.00
.106 2.70
R.020±.002 0.50±0.05
.205-.008
+.000 5.20
-0.20
0.00
.205-.008
+.000 5.20
-0.20
0.00
R.04
MAX.
1.0
RECOMMENDED STRIKER (NOT SUPPLIED)
.118 3.00
NOTES:
1. PLASTIC COMPONENT MATERIAL: ACETAL (RMS-121)
2. COLOR: BLACK.
3. SPRING MATERIAL: STAINLESS STEEL (RMS-280)
4. CASE INSERTION FORCE: 1 KG (2.2 LBS)
5. CASE HOLDING FORCE: 7 KG (15.4 LBS)
6. APPROXIMATE LOCKING STROKE: .21 [5.4]
7. APPROXIMATE RELEASE STROKE: .05 [1.3]
8. LOCKING STROKE FORCE: 500 g ±200 g [16 oz ±6.3 oz]
9. RETENTION FORCE (LOCKED): 1 KG MIN [32.2 oz]
10. CONTINUOUS WORKING TEMPERATURE: -10° TO 60°C [14° TO 140°F]
11. STORAGE TEMPERATURE: -40° TO 80°C [-40°-176°F]
12. LIFE CYCLE: 50 000 OPERATIONS
AUDIBLE LOCK AND RELEASE.
SUPPLIED IN RELEASED POSITION.
ALL VALUES FOR REFERENCE ONLY.
THESE EDGES
MUST BE SHARP
LOCKED POSITION
.02 X 45° [0.5 X 45°]
CHAMFER
RECOMMENDED MOUNTING HOLE
RE:
FILE #:
SHEET:
REV.
DESCRIPTION
ENGR.
DATE
TITLE:
PART #
DWN:
DT:
SHEET SIZE:
RICHCO, INC.
1 OF 1
DL-1X
B
DOOR LATCH
APP:
CHKD:
RICHCO, INC.
(773) 539-4060
ENG@RICHCO-INC.COM
01/28/08
S.J.
S.K.
S.J.
FINAL
DWG IN
IN [MM]
DL-1X
PRINT
TYPE
A
C
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
FRAC.=±1/64
ANG.=±1°
CREATED USING
SOLIDWORKS


同様の部品番号 - DL-1X

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DL-100-7-KER ETC1-DL-100-7-KER Datasheet
217Kb / 2P
   Position Sensing Photodiodes Special characteristics
DL-100-7-KERSMD ETC1-DL-100-7-KERSMD Datasheet
212Kb / 2P
   Position Sensing Photodiodes Special characteristics
logo
HOKURIKU ELECTRIC INDUS...
DL-1001L HOKURIKU-DL-1001L Datasheet
56Kb / 1P
   Microwave Components
DL-1001L/R HOKURIKU-DL-1001L/R Datasheet
56Kb / 1P
   Microwave Components
DL-1001R HOKURIKU-DL-1001R Datasheet
56Kb / 1P
   Microwave Components
More results

同様の説明 - DL-1X

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
V-9767-L ETC1-V-9767-L Datasheet
63Kb / 1P
   ECNGLAS DOOR
logo
Gamewell-FCI by Honeywe...
DH-FC1 GAMEWELL-FCI-DH-FC1 Datasheet
208Kb / 2P
   Electromagnetic Door Holders
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
   Door, lock & key
logo
STMicroelectronics
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
   Door actuator driver
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
C&K Components
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
   Door Interlock Switches
logo
FIBOX Enclosing innovat...
8120718 FIBOX-8120718 Datasheet
54Kb / 2P
   Inner door set
11.01.2023
8120719 FIBOX-8120719 Datasheet
54Kb / 2P
   Inner door set
11.01.2023
8120912 FIBOX-8120912 Datasheet
40Kb / 1P
   Inner door set
24.07.2023
8120915 FIBOX-8120915 Datasheet
40Kb / 1P
   Inner door set
24.07.2023
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com