データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ12003TZX-ADJ データシート(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMZ12003TZX-ADJ
部品情報  3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12003TZX-ADJ データシート(HTML) 3 Page - National Semiconductor (TI)

  LMZ12003TZX-ADJ Datasheet HTML 1Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LMZ12003TZX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin
Name
Description
6
FB
Feedback — Internally connected to the regulation, over-voltage, and short-circuit comparators. The regulation
reference point is 0.8V at this input pin. Connected the feedback resistor divider between the output and ground to set
the output voltage.
7
VOUT Output Voltage — Output from the internal inductor. Connect the output capacitor between this pin and exposed pad.
EP
EP
Exposed Pad — Internally connected to pin 4. Used to dissipate heat from the package during operation. Must be
electrically connected to pin 4 external to the package.
3
www.national.com


同様の部品番号 - LMZ12003TZX-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMZ12003TZX-ADJ NSC-LMZ12003TZX-ADJ Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
logo
Texas Instruments
LMZ12003TZX-ADJ/NOPB TI1-LMZ12003TZX-ADJ/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results

同様の説明 - LMZ12003TZX-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
logo
Texas Instruments
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12002 NSC-LMZ12002_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10503 NSC-LMZ10503 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10503_1006 NSC-LMZ10503_1006 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com