データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G10XB05 データシート(PDF) 2 Page - Gulf Semiconductor

部品番号 G10XB05
部品情報  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GULFSEMI [Gulf Semiconductor]
ホームページ  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

G10XB05 データシート(HTML) 2 Page - Gulf Semiconductor

  G10XB05 Datasheet HTML 1Page - Gulf Semiconductor G10XB05 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES G10XB05 THRU G10XB100


同様の部品番号 - G10XB05

メーカー部品番号データシート部品情報
logo
Powerbox
G10 POWERBOX-G10 Datasheet
503Kb / 1P
   5WATTS SINGLE OUTPUT DC/DC INDUSTRIAL
logo
Virginia Panel Corporat...
G10 VPC-G10 Datasheet
1Mb / 2P
   Receiver, G18, 18 Module, with Slide Mounting Kit (slide kit required)
logo
Shenzhen Taychipst Elec...
G10 TAYCHIPST-G10 Datasheet
1Mb / 3P
   Silicon Z?밆iodes
logo
XP Power Limited
G10 XPPOWER-G10 Datasheet
716Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
TDK Electronics
G10-100 TDK-G10-100 Datasheet
85Kb / 2P
   Programmable Power Supplies
May 03, 2022
More results

同様の説明 - G10XB05

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
GBU10A GULFSEMI-GBU10A Datasheet
99Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GSIB10A05 GULFSEMI-GSIB10A05 Datasheet
151Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
KBPC10005 GULFSEMI-KBPC10005 Datasheet
3Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:10.0A
G6XB05 GULFSEMI-G6XB05 Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GSIB6A05 GULFSEMI-GSIB6A05 Datasheet
137Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
KBP005M GULFSEMI-KBP005M Datasheet
110Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
UG6KB05 GULFSEMI-UG6KB05 Datasheet
151Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GBU8A GULFSEMI-GBU8A Datasheet
162Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
GSIB805 GULFSEMI-GSIB805 Datasheet
148Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
GSIB2505 GULFSEMI-GSIB2505 Datasheet
143Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 25.0A
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com