データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM26LV32EIRGYR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM26LV32EIRGYR
部品情報  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM26LV32EIRGYR データシート(HTML) 1 Page - Texas Instruments

  AM26LV32EIRGYR Datasheet HTML 1Page - Texas Instruments AM26LV32EIRGYR Datasheet HTML 2Page - Texas Instruments AM26LV32EIRGYR Datasheet HTML 3Page - Texas Instruments AM26LV32EIRGYR Datasheet HTML 4Page - Texas Instruments AM26LV32EIRGYR Datasheet HTML 5Page - Texas Instruments AM26LV32EIRGYR Datasheet HTML 6Page - Texas Instruments AM26LV32EIRGYR Datasheet HTML 7Page - Texas Instruments AM26LV32EIRGYR Datasheet HTML 8Page - Texas Instruments AM26LV32EIRGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
D, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
4B
4A
4Y
G
3Y
3A
1A
1Y
G
2Y
2A
2B
DESCRIPTION/ORDERING INFORMATION
AM26LV32E
www.ti.com............................................................................................................................................................... SLLS849A – APRIL 2008 – REVISED MAY 2008
LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
WITH ±15-kV IEC ESD PROTECTION
• Meets or Exceeds Standard TIA/EIA-422-B and
ITU Recommendation V.11
• Operates From a Single 3.3-V Power Supply
• ESD Protection for RS422 Bus Pins
±15-kV Human-Body Model (HBM)
±8-kV IEC61000-4-2, Contact Discharge
±15-kV IEC61000-4-2, Air-Gap Discharge
• Switching Rates up to 32 MHz
• Low Power Dissipation: 27 mW Typ
• Open-Circuit, Short-Circuit, and Terminated
Fail-Safe
• ±7-V Common-Mode Input Voltage Range With
±200-mV Sensitivity
• Accepts 5-V Logic Inputs With 3.3-V Supply
(Enable Inputs)
• Input Hysteresis: 35 mV Typ
• Pin-to-Pin Compatible With AM26C32,
AM26LS32
• I
off Supports Partial-Power-Down Mode
Operation
• Package Options: SOP, SOIC, TSSOP, QFN
The AM26LV32E consists of quadruple differential line receivers with 3-state outputs. These differential receivers
have ±15-kV ESD (HBM and IEC61000-4-2, Air-Gap Discharge) and ±8-kV ESD (IEC61000-4-2, Contact
Discharge) protection for RS422 bus pins.
This device is designed to meet TIA/EIA-422-B and ITU recommendation V.11 drivers with reduced supply
voltage. The device is optimized for balanced bus transmission at switching rates up to 32 MHz. The 3-state
outputs permit connection directly to a bus-organized system.
The AM26LV32E has an internal fail-safe circuitry that prevents the device from putting an unknown voltage
signal at the receiver outputs. In the open fail-safe, shorted fail-safe, and terminated fail-safe, a high state is
produced at the respective output.
This device is supported for partial-power-down applications using Ioff. Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
The AM26LV32EI is characterized for operation from –40
°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - AM26LV32EIRGYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26LV32EIRGYR TI-AM26LV32EIRGYR Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

同様の説明 - AM26LV32EIRGYR

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26LV32E TI-AM26LV32E Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E-EP TI-AM26LV32E-EP Datasheet
326Kb / 11P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E TI-AM26LV31E_10 Datasheet
690Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E TI-AM26LV31E Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com