データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4040B30IDBZTG4 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM4040B30IDBZTG4
部品情報  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM4040B30IDBZTG4 データシート(HTML) 2 Page - Texas Instruments

  LM4040B30IDBZTG4 Datasheet HTML 1Page - Texas Instruments LM4040B30IDBZTG4 Datasheet HTML 2Page - Texas Instruments LM4040B30IDBZTG4 Datasheet HTML 3Page - Texas Instruments LM4040B30IDBZTG4 Datasheet HTML 4Page - Texas Instruments LM4040B30IDBZTG4 Datasheet HTML 5Page - Texas Instruments LM4040B30IDBZTG4 Datasheet HTML 6Page - Texas Instruments LM4040B30IDBZTG4 Datasheet HTML 7Page - Texas Instruments LM4040B30IDBZTG4 Datasheet HTML 8Page - Texas Instruments LM4040B30IDBZTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
LM4040
SLOS456K – JANUARY 2005 – REVISED MARCH 2008 .................................................................................................................................................. www.ti.com
ORDERING INFORMATION(1)
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE(2)
GRADE
PART NUMBER
MARKING(3)
SC-70 (DCK)
Reel of 3000
LM4040A20IDCKR
MS_
Reel of 3000
LM4040A20IDBZR
SOT-23-3 (DBZ)
4MC_
2.048 V
Reel of 250
LM4040A20IDBZT
Bulk of 1000
LM4040A20ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A20ILPR
SC-70 (DCK)
Reel of 3000
LM4040A25IDCKR
P2_
Reel of 3000
LM4040A25IDBZR
SOT-23-3 (DBZ)
4NG_
2.5 V
Reel of 250
LM4040A25IDBZT
Bulk of 1000
LM4040A25ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A25ILPR
SC-70 (DCK)
Reel of 3000
LM4040A30IDCKR
P9_
Reel of 3000
LM4040A30IDBZR
SOT-23-3 (DBZ)
4M6_
3 V
Reel of 250
LM4040A30IDBZT
Bulk of 1000
LM4040A30ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A30ILPR
A grade:
SC-70 (DCK)
Reel of 3000
LM4040A41IDCKR
P4_
0.1% initial
Reel of 3000
LM4040A41IDBZR
accuracy
SOT-23-3 (DBZ)
4M2_
–40°C to 85°C
and
4.096 V
Reel of 250
LM4040A41IDBZT
100 ppm/°C
Bulk of 1000
LM4040A41ILP
temperature
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A41ILPR
coefficient
SC-70 (DCK)
Reel of 3000
LM4040A50IDCKR
N5_
Reel of 3000
LM4040A50IDBZR
SOT-23-3 (DBZ)
4NA_
5 V
Reel of 250
LM4040A50IDBZT
Bulk of 1000
LM4040A50ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A50ILPR
SC-70 (DCK)
Reel of 3000
LM4040A82IDCKR
PD_
Reel of 3000
LM4040A82IDBZR
SOT-23-3 (DBZ)
4NL_
8.192 V
Reel of 250
LM4040A82IDBZT
Bulk of 1000
LM4040A82ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A82ILPR
SC-70 (DCK)
Reel of 3000
LM4040A10IDCKR
PH_
Reel of 3000
LM4040A10IDBZR
SOT-23-3 (DBZ)
4NQ_
10 V
Reel of 250
LM4040A10IDBZT
Bulk of 1000
LM4040A10ILP
TO-92/TO-226 (LP)
PREVIEW
Reel of 2000
LM4040A10ILPR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
2
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated


同様の部品番号 - LM4040B30IDBZTG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4040B30IDBZTG4 TI-LM4040B30IDBZTG4 Datasheet
664Kb / 50P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

同様の説明 - LM4040B30IDBZTG4

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com