データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM26C31IDG4 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM26C31IDG4
部品情報  QUADRUPLE DIFFERENTIAL LINE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM26C31IDG4 データシート(HTML) 3 Page - Texas Instruments

  AM26C31IDG4 Datasheet HTML 1Page - Texas Instruments AM26C31IDG4 Datasheet HTML 2Page - Texas Instruments AM26C31IDG4 Datasheet HTML 3Page - Texas Instruments AM26C31IDG4 Datasheet HTML 4Page - Texas Instruments AM26C31IDG4 Datasheet HTML 5Page - Texas Instruments AM26C31IDG4 Datasheet HTML 6Page - Texas Instruments AM26C31IDG4 Datasheet HTML 7Page - Texas Instruments AM26C31IDG4 Datasheet HTML 8Page - Texas Instruments AM26C31IDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1A
G
2A
4A
G
3A
1
4
7
9
12
15
3Y
10
3Z
11
1Y
2
1Z
3
4Y
14
4Z
13
2Y
6
2Z
5
Input
VCC
TYPICAL OF ALL OUTPUTS
Output
VCC
GND
GND
EQUIVALENT OF EACH INPUT
AM26C31
www.ti.com................................................................................................................................................... SLLS103M – DECEMBER 1990 – REVISED JUNE 2008
LOGIC DIAGRAM (POSITIVE LOGIC)
Pin numbers shown are for the D, DB, J, N, NS, PW, and W packages.
SCHEMATICS OF INPUTS AND OUTPUTS
Copyright © 1990–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AM26C31


同様の部品番号 - AM26C31IDG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26C31IDG4 TI-AM26C31IDG4 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31IDG4 TI1-AM26C31IDG4 Datasheet
1Mb / 33P
[Old version datasheet]   AM26C31 Quadruple Differential Line Driver
More results

同様の説明 - AM26C31IDG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS192 TI-SN75ALS192 Datasheet
156Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26LS31 TI1-AM26LS31_16 Datasheet
1Mb / 28P
[Old version datasheet]   Quadruple Differential Line Driver
AM26C31 TI-AM26C31_08 Datasheet
633Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174A TI1-SN75ALS174A_18 Datasheet
1Mb / 19P
[Old version datasheet]   Quadruple Differential Line Driver
5962-7802301Q2A TI-5962-7802301Q2A Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS174ADWR TI1-SN75ALS174ADWR Datasheet
839Kb / 14P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com