データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX232EIDG4 データシート(PDF) 8 Page - Texas Instruments

部品番号 MAX232EIDG4
部品情報  DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

MAX232EIDG4 データシート(HTML) 8 Page - Texas Instruments

Back Button MAX232EIDG4 Datasheet HTML 4Page - Texas Instruments MAX232EIDG4 Datasheet HTML 5Page - Texas Instruments MAX232EIDG4 Datasheet HTML 6Page - Texas Instruments MAX232EIDG4 Datasheet HTML 7Page - Texas Instruments MAX232EIDG4 Datasheet HTML 8Page - Texas Instruments MAX232EIDG4 Datasheet HTML 9Page - Texas Instruments MAX232EIDG4 Datasheet HTML 10Page - Texas Instruments MAX232EIDG4 Datasheet HTML 11Page - Texas Instruments MAX232EIDG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1
µF
1
µF
VS+
VS−
2
6
14
7
13
8
C1+
C1−
C2+
C2−
1
3
4
5
11
10
12
9
GND
15
0 V
VCC
16
5 V
RS-232 Output
RS-232 Output
RS-232 Input
RS-232 Input
1
µF
8.5 V
−8.5 V
1
µF
From CMOS or TTL
To CMOS or TTL
CBYPASS = 1 µF
C1
C2
C3
C4
C3 can be connected to VCC or GND.
+
+
MAX232E
SLLS723B – APRIL 2006 – REVISED NOVEMBER 2009
www.ti.com
APPLICATION INFORMATION
A.
Resistor values shown are nominal.
B.
Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should
be connected as shown. In addition to the 1-
μF capacitors shown, the MAX202E can operate with 0.1-μF capacitors.
Figure 4. Typical Operating Circuit
8
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): MAX232E


同様の部品番号 - MAX232EIDG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
MAX232EIDG4 TI-MAX232EIDG4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232EIDG4 TI-MAX232EIDG4 Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232EIDG4 TI-MAX232EIDG4 Datasheet
502Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
More results

同様の説明 - MAX232EIDG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
MAX232E_101 TI-MAX232E_101 Datasheet
502Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232E TI-TRS232E_10 Datasheet
526Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232 TI1-TRS232 Datasheet
630Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E TI-MAX232E Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232E TI-MAX232E_09 Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX232E TI1-MAX232E_16 Datasheet
1Mb / 27P
[Old version datasheet]   Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX202 TI-MAX202 Datasheet
321Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
logo
Exar Corporation
XR32220 EXAR-XR32220 Datasheet
874Kb / 13P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com