データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7448640410 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 7448640410
部品情報  CURRENT-COMPENSATED CHOKE WE-FC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7448640410 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7448640410 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448640410 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7448640410 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Bezeichnung :
description :
Gehäuse / case: UT
A
21,2 max
mm
B
16,6 max
mm
C
22,5 max
mm
D
13,0 ± 0,2
mm
E
10,0 ± 0,2
mm
F
4,5 max
mm
ø
0,8 typ
mm
Eigenschaften /
properties
Wert / value
Einheit / unit
tol.
Leerlauf-Induktivität /
inductance
DC-Widerstand /
DC-resistance
Nennstrom /
rated current
Nennspannung /
rated voltage
33%
20 °C
2000 V,50 Hz
MST
Version 1
09-08-06
Name
Änderung / modification
Datum / date
WAYNE KERR WK3260B/WK3265 für/for L0 und/and RDC
UN
IN
Luftfeuchtigkeit / humidity:
A Mechanische Abmessungen / dimensions:
10 kHz / 100 mV / 20°C
Kunde / customer :
STROMKOMPENSIERTE DROSSEL WE-FC
CURRENT-COMPENSATED CHOKE WE-FC
Artikelnummer / part number :
7448640410
Klimabeständigkeit/ climatic class:
40/125/21
B Elektrische Eigenschaften / electrical properties:
250
50 Hz
mH
RDC
Kern / core
P155 IEC317-20
Betriebstemp. / operating temperature:
-25°C - + 125°C
Übertemperatur / temperature rise:
< 55 K
Spezifikation für Freigabe / specification for release
DATUM / DATE : 2009-08-06
±15%
A
Testbedingungen / test
conditions
1,20
0,19
min
C Schaltbild / schematic:
http://www.we-online.com
Datum / date
..................................................................................
Unterschrift / signature
Kontrolliert / approved
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
Würth Elektronik eiSos GmbH & Co. KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
Geprüft / checked
..................................................................................
.............................................................
LO
2,70
D Prüfgeräte / test equipment:
E Testbedingungen / test conditions:
@ 20 °C
@ 70 °C
V
Prüfspannung / isolation voltage
HP 34401 A für/for IN
Umgebungstemperatur / temperature:
Würth Elektronik
..................................................................................
G Eigenschaften / general specifications:
Gehäuse / case:
Draht / wire:
UL94V-0
F Werkstoffe & Zulassungen / material & approvals:
MnZn-Ferrite / MnZn ferrite
It is recommended that the temperature of the part does
not exceed 125°C under worst case operating conditions.
Freigabe erteilt / general release:
Kunde / customer
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially
required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship
control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation
checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
1
2
N1
3
4
N2
1
2
3
4
SEITE 1 VON 3


同様の部品番号 - 7448640410

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7448640411 WURTH-7448640411 Datasheet
131Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640412 WURTH-7448640412 Datasheet
131Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640413 WURTH-7448640413 Datasheet
131Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640414 WURTH-7448640414 Datasheet
131Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640415 WURTH-7448640415 Datasheet
131Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
More results

同様の説明 - 7448640410

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7448640395 WURTH-7448640395 Datasheet
138Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640398 WURTH-7448640398 Datasheet
138Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640401 WURTH-7448640401 Datasheet
138Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640404 WURTH-7448640404 Datasheet
138Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640406 WURTH-7448640406 Datasheet
131Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640408 WURTH-7448640408 Datasheet
131Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640409 WURTH-7448640409 Datasheet
131Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640396 WURTH-7448640396 Datasheet
138Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640400 WURTH-7448640400 Datasheet
138Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
7448640412 WURTH-7448640412 Datasheet
131Kb / 3P
   CURRENT-COMPENSATED CHOKE WE-FC
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com