データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC548A-BP データシート(PDF) 2 Page - Micro Commercial Components

部品番号 BC548A-BP
部品情報  NPN Silicon Amplifier Transistor 625mW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC548A-BP データシート(HTML) 2 Page - Micro Commercial Components

  BC548A-BP Datasheet HTML 1Page - Micro Commercial Components BC548A-BP Datasheet HTML 2Page - Micro Commercial Components BC548A-BP Datasheet HTML 3Page - Micro Commercial Components BC548A-BP Datasheet HTML 4Page - Micro Commercial Components BC548A-BP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MCC
ON CHARACTERISTICS
DC Current Gain
(IC = 10 µA, VCE = 5.0 V)
BC547A/548A
BC546B/547B/548B
BC548C
(IC = 2.0 mA, VCE = 5.0 V)
BC547A/548A
BC546B/547B/548B
BC547C/BC548C
(IC = 100 mA, VCE = 5.0 V)
BC547A/548A
BC546B/547B/548B
BC548C
hFE
110
200
420
90
150
270
180
290
520
120
180
300
220
450
800
Collector–Emitter Saturation Voltage
(IC = 100 mA, IB = 5.0 mA)
VCE(sat)
---
0.3
V
Base–Emitter Saturation Voltage
(IC = 100 mA, IB = 5.0 mA)
VBE(sat)
1.0
V
Base–Emitter On Voltage
(IC = 2.0 mA, VCE = 5.0 V)
(IC = 10 mA, VCE = 5.0 V)
VBE(on)
0.55
0.7
0.77
V
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
BC546
BC547
BC548
fT
150
150
150
300
300
300
MHz
Output Capacitance
(VCB = 10 V, IC = 0, f = 1.0 MHz)
Cobo
1.7
4.5
pF
Input Capacitance
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
Cibo
10
pF
Small–Signal Current Gain
(IC = 2.0 mA, VCE = 5.0 V, f = 1.0 kHz)
BC547A/548A
BC546B/547B/548B
BC547C/548C
hfe
125
240
450
220
330
600
260
500
900
Noise Figure
(IC = 0.2 mA, VCE = 5.0 V, RS = 2 kW,
BC546
f = 1.0 kHz,
∆f = 200 Hz)
BC547
BC548
NF
2.0
2.0
2.0
10
10
10
dB
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
BC546
(IC = 1.0 mA, IB = 0)
BC547
BC548
V(BR)CEO
65
45
30
V
Collector–Base Breakdown Voltage
BC546
(IC = 100 µAdc)
BC547
BC548
V(BR)CBO
80
50
30
V
Emitter–Base Breakdown Voltage
BC546
(IE = 10 mA, IC = 0)
BC547
BC548
V(BR)EBO
6.0
6.0
6.0
V
BC546 thru BC548C
Revision: 7
2008/11/05
TM
Micro Commercial Components
www.mccsemi.com
2 of 5


同様の部品番号 - BC548A-BP

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC548A MOTOROLA-BC548A Datasheet
193Kb / 6P
   Amplifier Transistors
logo
Continental Device Indi...
BC548A CDIL-BC548A Datasheet
124Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
ON Semiconductor
BC548A ONSEMI-BC548A Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
New Jersey Semi-Conduct...
BC548A NJSEMI-BC548A Datasheet
72Kb / 2P
   NPN General Purpose Amplifier
logo
Siemens Semiconductor G...
BC548A SIEMENS-BC548A Datasheet
210Kb / 6P
   NPN Silicon Transistors
More results

同様の説明 - BC548A-BP

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
BC546A MCC-BC546A_13 Datasheet
341Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B Datasheet
1Mb / 4P
   NPN Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
2N5401 MCC-2N5401_14 Datasheet
437Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC556 MCC-BC556 Datasheet
690Kb / 4P
   PNP Silicon Amplifier Transistor 625mW
2N5401 MCC-2N5401 Datasheet
281Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC556 MCC-BC556_11 Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC556A MCC-BC556A Datasheet
385Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC557C-AP MCC-BC557C-AP Datasheet
328Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
   NPN Silicon High Voltage Transistor 625mW
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com