データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM26LV31E データシート(PDF) 3 Page - Texas Instruments

部品番号 AM26LV31E
部品情報  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM26LV31E データシート(HTML) 3 Page - Texas Instruments

  AM26LV31E_10 Datasheet HTML 1Page - Texas Instruments AM26LV31E_10 Datasheet HTML 2Page - Texas Instruments AM26LV31E_10 Datasheet HTML 3Page - Texas Instruments AM26LV31E_10 Datasheet HTML 4Page - Texas Instruments AM26LV31E_10 Datasheet HTML 5Page - Texas Instruments AM26LV31E_10 Datasheet HTML 6Page - Texas Instruments AM26LV31E_10 Datasheet HTML 7Page - Texas Instruments AM26LV31E_10 Datasheet HTML 8Page - Texas Instruments AM26LV31E_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Input
VCC
TYPICAL OF EACH DRIVER OUTPUT
Output
VCC
GND
GND
EQUIVALENT OF EACH INPUT (A, G, OR G)
ABSOLUTE MAXIMUM RATINGS
(1)
AM26LV31E
www.ti.com............................................................................................................................................................... SLLS848A – APRIL 2008 – REVISED MAY 2008
SCHEMATIC
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.5
6
V
VI
Input voltage range
–0.5
6
V
VO
Output voltage range
–0.5
6
V
IIK
Input clamp current
VI < 0
–20
mA
IOK
Output clamp current
VO < 0
–20
mA
lO
Continuous output current
±150
mA
Continuous current through VCC or GND
±200
mA
TJ
Operating virtual junction temperature
150
°C
D package
73
NS package
64
θ
JA
Package thermal impedance(3)(4)
°C/W
PW package
108
RGY package
39
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential input voltage are with respect to the network GND.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Selecting the maximum of 150°C can affect reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AM26LV31E


同様の部品番号 - AM26LV31E_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31EIDR TI-AM26LV31EIDR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31EINSR TI-AM26LV31EINSR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31EIPWR TI-AM26LV31EIPWR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31EIRGYR TI-AM26LV31EIRGYR Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
More results

同様の説明 - AM26LV31E_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26LV31E TI-AM26LV31E Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E_10 Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E TI-AM26LV32E Datasheet
753Kb / 17P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E-EP TI-AM26LV32E-EP Datasheet
326Kb / 11P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31 TI-AM26LV31 Datasheet
113Kb / 8P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER
REVISED DECEMBER 1999
SN65C1167E TI-SN65C1167E Datasheet
741Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com