データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SBYG23MG データシート(PDF) 1 Page - Gulf Semiconductor

部品番号 SBYG23MG
部品情報  SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?000V CURRENT竊?.5A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GULFSEMI [Gulf Semiconductor]
ホームページ  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SBYG23MG データシート(HTML) 1 Page - Gulf Semiconductor

  SBYG23MG Datasheet HTML 1Page - Gulf Semiconductor SBYG23MG Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SBYG23MG
SURFACE MOUNT FAST
SWITCHING RECTIFIER
VOLTAGE:
:1000V
CURRENT:
:1.5A
FEATURE
SMA/
/DO-214AC
Ideal for surface mount pick and place application
Low profile package
Built-in strain relief
Low reverse current
Soft recovery characteristics
High temperature soldering guaranteed
260℃/10sec/at terminals
Glass passivated chip
Fast reverse recovery time
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 class V-0 recognized Flame
Retardant Epoxy
Polarity:Color band denotes cathode
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25℃, unless otherwise stated,
for capacitive load, date current by 20%)
SYMBOL
SBYG23MG
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
1000
V
Maximum RMS Voltage
Vrms
700
V
Maximum DC blocking Voltage
Vdc
1000
V
Reverse Breakdown Voltage at IR = 100
µA
V(BR)R
1000min
V
Maximum Average Forward Rectified
If(av)
1.5
A
Peak Forward Surge Current 8.3ms single
half sine- wave superimposed on rated load
Ifsm
50.0
A
Maximum Instantaneous Forward Voltage at
Forward Current 1.0A
Vf
1.7
V
Maximum DC Reverse Current
Tj =25℃
at rated DC blocking voltage
Tj =100℃
Ir
5.0
50.0
µ
A
Maximum Reverse Recovery Time
(Note1 )
Trr
75
nS
Pulse energy in avalanche mode,
non repetitive(inductive load switch off)
(Note 2)
Ersm
20
mJ
Typical Thermal Resistance
(Note 3)
(Note 4)
Rth(jl)
Rth(ja)
25.0
150
K/W
Storage and Operating Junction Temperature
Tstg, Tj
-50 to +150
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. I(BR)R=1.0A, Tj=25
3. TL=const.
4. Thermal Resistance from Junction to terminal mounted on epoxy-glass hard tissue, 17mm2 35μm Cu


同様の部品番号 - SBYG23MG

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
SBYG20DG GULFSEMI-SBYG20DG Datasheet
113Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00 to 600V CURRENT竊?.5A
SBYG20GG GULFSEMI-SBYG20GG Datasheet
113Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00 to 600V CURRENT竊?.5A
SBYG20JG GULFSEMI-SBYG20JG Datasheet
113Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00 to 600V CURRENT竊?.5A
More results

同様の説明 - SBYG23MG

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
GU1M-E GULFSEMI-GU1M-E Datasheet
151Kb / 2P
   SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?000V CURRENT竊?1.0A
SBYG20DG GULFSEMI-SBYG20DG Datasheet
113Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00 to 600V CURRENT竊?.5A
GER20M GULFSEMI-GER20M Datasheet
163Kb / 2P
   SURFACE MOUNT AVALANCHE GLASS PASSIVATED RECTIFIER VOLTAGE竊?000V CURRENT竊?.0A
USB2J GULFSEMI-USB2J Datasheet
126Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V CURRENT竊?.0A
UFS1200 GULFSEMI-UFS1200 Datasheet
139Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
GU1Q-B GULFSEMI-GU1Q-B Datasheet
223Kb / 2P
   SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE竊?200V CURRENT竊?1.0A
logo
Foshan Blue Rocket Elec...
RS3MAF FOSHAN-RS3MAF Datasheet
920Kb / 6P
   Surface Mount Fast Recovery Rectifiers, Reverse Voltage竊?000V
logo
Gulf Semiconductor
GU2A GULFSEMI-GU2A Datasheet
197Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?.0A
SBYG10DG GULFSEMI-SBYG10DG Datasheet
109Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE竊?00V to 1000V CURRENT竊?1.5A
FK1K GULFSEMI-FK1K Datasheet
241Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com