データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74VMEH22501 データシート(PDF) 11 Page - Texas Instruments

部品番号 SN74VMEH22501
部品情報  8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501 データシート(HTML) 11 Page - Texas Instruments

Back Button SN74VMEH22501_10 Datasheet HTML 7Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 8Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 9Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 10Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 11Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 12Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 13Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 14Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
SN74VMEH22501
www.ti.com
SCES357F – JULY 2001 – REVISED FEBRUARY 2010
Switching Characteristics for UBT Transceiver
over recommended operating conditions (unless otherwise noted) (see Figure 1 and Figure 2)
FROM
TO
PARAMETER
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
fmax
120
MHz
tPLH
5.5
9.3
3A
3B
ns
tPHL
4.7
8.3
tPLH
6
10.6
LE
3B
ns
tPHL
4.9
8.7
tPLH
5.8
10.1
CLKAB
3B
ns
tPHL
4.6
8.4
tPZH
4.6
9.3
OE
3B
ns
tPZL
3.5
8.5
tPHZ
4.8
9.3
OE
3B
ns
tPLZ
2.4
5.7
tr
Transition time, B port (10%–90%)
4.3
ns
tf
Transition time, B port (90%–10%)
4.3
ns
tPLH
1.7
5.9
3B
3A
ns
tPHL
1.7
5.9
tPLH
1.7
5.9
LE
3A
ns
tPHL
1.7
5.9
tPLH
1.4
5.5
CLKBA
3A
ns
tPHL
1.4
5.5
tPZH
1.5
6.2
OE
3A
ns
tPZL
2.1
5.5
tPHZ
1.8
6.2
OE
3A
ns
tPLZ
2.3
5.6
Copyright © 2001–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN74VMEH22501


同様の部品番号 - SN74VMEH22501_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
More results

同様の説明 - SN74VMEH22501_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com