データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN7406DG4 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN7406DG4
部品情報  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN7406DG4 データシート(HTML) 6 Page - Texas Instruments

Back Button SN7406DG4 Datasheet HTML 2Page - Texas Instruments SN7406DG4 Datasheet HTML 3Page - Texas Instruments SN7406DG4 Datasheet HTML 4Page - Texas Instruments SN7406DG4 Datasheet HTML 5Page - Texas Instruments SN7406DG4 Datasheet HTML 6Page - Texas Instruments SN7406DG4 Datasheet HTML 7Page - Texas Instruments SN7406DG4 Datasheet HTML 8Page - Texas Instruments SN7406DG4 Datasheet HTML 9Page - Texas Instruments SN7406DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
no Sb/Br)
SN7416NSRG4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ5406FK
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE
N / A for Pkg Type
SNJ5406J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
SNJ5406W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
SNJ5416J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
SNJ5416W
ACTIVE
CFP
W
14
1
TBD
A42
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2009
Addendum-Page 2


同様の部品番号 - SN7406DG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN7406DG4 TI-SN7406DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7406DG4 TI-SN7406DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7406DG4 TI1-SN7406DG4 Datasheet
1,016Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS
More results

同様の説明 - SN7406DG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LS06 TI-SN54LS06 Datasheet
443Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06 Datasheet
74Kb / 8P
   Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
logo
Hitachi Semiconductor
HD74LS06 HITACHI-HD74LS06 Datasheet
55Kb / 6P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Texas Instruments
SN7416J TI-SN7416J Datasheet
1Mb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN5406 TI-SN5406 Datasheet
140Kb / 7P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7406 KODENSHI-KK7406 Datasheet
252Kb / 4P
   Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
IK Semicon Co., Ltd
IN7406 IKSEMICON-IN7406 Datasheet
241Kb / 4P
   Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN54LS06 TI-SN54LS06_08 Datasheet
614Kb / 16P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Integral Corp.
IN7406 INTEGRAL-IN7406 Datasheet
40Kb / 4P
   Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com