データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN7406DG4 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN7406DG4
部品情報  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN7406DG4 データシート(HTML) 2 Page - Texas Instruments

  SN7406DG4 Datasheet HTML 1Page - Texas Instruments SN7406DG4 Datasheet HTML 2Page - Texas Instruments SN7406DG4 Datasheet HTML 3Page - Texas Instruments SN7406DG4 Datasheet HTML 4Page - Texas Instruments SN7406DG4 Datasheet HTML 5Page - Texas Instruments SN7406DG4 Datasheet HTML 6Page - Texas Instruments SN7406DG4 Datasheet HTML 7Page - Texas Instruments SN7406DG4 Datasheet HTML 8Page - Texas Instruments SN7406DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN5406, SN5416, SN7406, SN7416
HEX INVERTER BUFFERS/DRIVERS
WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SDLS031A – DECEMBER 1983 – REVISED DECEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
1A
2A
3A
4A
5A
6A
1Y
2Y
3Y
4Y
5Y
6Y
1
3
5
9
11
13
2
4
6
8
10
12
Y = A
schematic (each buffer/driver)
Resistor values shown are nominal.
6 k
Input A
Output Y
GND
VCC
1.4 k
1.6 k
100
1 k
2 k
’06, ’16
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO (see Notes 1 and 2): SN5406, SN7406
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN5416, SN7416
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Voltage values are with respect to network ground terminal.
2. This is the maximum voltage which should be applied to any output when it is in the off state.
3. The package thermal impedance is calculated in accordance with JESD 51-7.


同様の部品番号 - SN7406DG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN7406DG4 TI-SN7406DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7406DG4 TI-SN7406DG4 Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7406DG4 TI1-SN7406DG4 Datasheet
1,016Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS
More results

同様の説明 - SN7406DG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LS06 TI-SN54LS06 Datasheet
443Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06 Datasheet
74Kb / 8P
   Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
logo
Hitachi Semiconductor
HD74LS06 HITACHI-HD74LS06 Datasheet
55Kb / 6P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Texas Instruments
SN7416J TI-SN7416J Datasheet
1Mb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN5406 TI-SN5406 Datasheet
140Kb / 7P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7406 KODENSHI-KK7406 Datasheet
252Kb / 4P
   Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
IK Semicon Co., Ltd
IN7406 IKSEMICON-IN7406 Datasheet
241Kb / 4P
   Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN54LS06 TI-SN54LS06_08 Datasheet
614Kb / 16P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Integral Corp.
IN7406 INTEGRAL-IN7406 Datasheet
40Kb / 4P
   Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com