データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN7406J データシート(PDF) 1 Page - Texas Instruments

部品番号 SN7406J
部品情報  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN7406J データシート(HTML) 1 Page - Texas Instruments

  SN7406J Datasheet HTML 1Page - Texas Instruments SN7406J Datasheet HTML 2Page - Texas Instruments SN7406J Datasheet HTML 3Page - Texas Instruments SN7406J Datasheet HTML 4Page - Texas Instruments SN7406J Datasheet HTML 5Page - Texas Instruments SN7406J Datasheet HTML 6Page - Texas Instruments SN7406J Datasheet HTML 7Page - Texas Instruments SN7406J Datasheet HTML 8Page - Texas Instruments SN7406J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN5406, SN5416, SN7406, SN7416
HEX INVERTER BUFFERS/DRIVERS
WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SDLS031A – DECEMBER 1983 – REVISED DECEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Convert TTL Voltage Levels to MOS Levels
D High Sink-Current Capability
D Input Clamping Diodes Simplify System
Design
D Open-Collector Drivers for Indicator Lamps
and Relays
D Inputs Fully Compatible With Most TTL
Circuits
description
These TTL hex inverter buffers/drivers feature
high-voltage open-collector outputs for interfacing
with high-level circuits (such as MOS) or for
driving high-current loads (such as lamps or
relays), and also are characterized for use as
inverter buffers for driving TTL inputs. The
SN5406 and SN7406 have minimum breakdown
voltages of 30 V. The SN5416 and SN7416 have
minimum breakdown voltages of 15 V. The
maximum sink current is 30 mA for the SN5406
and SN5416, and 40 mA for the SN7406 and
SN7416.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
Tube
SN7406D
7406
SOIC
D
Tape and reel
SN7406DR
7406
SOIC – D
Tube
SN7416D
7416
0
°C to 70°C
Tape and reel
SN7416DR
7416
PDIP
N
Tube
SN7406N
SN7406N
PDIP – N
Tube
SN7416N
SN7416N
SOP – NS
Tape and reel
SN7406NSR
SN7406
CDIP
J
Tube
SNJ5406J
SNJ5406J
CDIP – J
Tube
SNJ5416J
SNJ5416J
–55
°C to 125°C
CDIP
W
Tube
SNJ5406W
SNJ5406W
CDIP – W
Tube
SNJ5416W
SNJ5416W
LCCC – FK
Tube
SNJ5406FK
SNJ5406FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN5406, SN5416 ...J OR W PACKAGE
SN7406 . . . D, N, OR NS PACKAGE
SN7416 ...D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN5406 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


同様の部品番号 - SN7406J

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN7406J TI-SN7406J Datasheet
1Mb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7406J TI-SN7406J Datasheet
1Mb / 17P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN7406J TI1-SN7406J Datasheet
1,016Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS
More results

同様の説明 - SN7406J

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LS06 TI-SN54LS06 Datasheet
443Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06 Datasheet
74Kb / 8P
   Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
logo
Hitachi Semiconductor
HD74LS06 HITACHI-HD74LS06 Datasheet
55Kb / 6P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Texas Instruments
SN7416J TI-SN7416J Datasheet
1Mb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
SN5406 TI-SN5406 Datasheet
140Kb / 7P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
KODENSHI_AUK CORP.
KK7406 KODENSHI-KK7406 Datasheet
252Kb / 4P
   Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
IK Semicon Co., Ltd
IN7406 IKSEMICON-IN7406 Datasheet
241Kb / 4P
   Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN54LS06 TI-SN54LS06_08 Datasheet
614Kb / 16P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
logo
Integral Corp.
IN7406 INTEGRAL-IN7406 Datasheet
40Kb / 4P
   Hex Inverter Buffers/Drivers with Open-Collector High-Voltage Outputs
logo
Texas Instruments
SN5407 TI-SN5407 Datasheet
80Kb / 13P
[Old version datasheet]   HEX BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com