データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL071ACDR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL071ACDR
部品情報  LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL071ACDR データシート(HTML) 8 Page - Texas Instruments

Back Button TL071ACDR Datasheet HTML 4Page - Texas Instruments TL071ACDR Datasheet HTML 5Page - Texas Instruments TL071ACDR Datasheet HTML 6Page - Texas Instruments TL071ACDR Datasheet HTML 7Page - Texas Instruments TL071ACDR Datasheet HTML 8Page - Texas Instruments TL071ACDR Datasheet HTML 9Page - Texas Instruments TL071ACDR Datasheet HTML 10Page - Texas Instruments TL071ACDR Datasheet HTML 11Page - Texas Instruments TL071ACDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TL071, TL071A, TL071B, TL072
TL072A, TL072B, TL074, TL074A, TL074B
LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±15 V (unless otherwise noted)
TL071M
TL074M
PARAMETER
TEST CONDITIONS
TA‡
TL071M
TL072M
TL074M
UNIT
PARAMETER
TEST CONDITIONS
TA‡
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
V
Input offset voltage
V
0
R
50
Ω
25
°C
3
6
3
9
mV
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
Full range
9
15
mV
αV
IO
Temperature coefficient of
input offset voltage
VO = 0,
RS = 50 Ω
Full range
18
18
μV/°C
I
Input offset current
V
0
25
°C
5
100
5
100
pA
IIO
Input offset current
VO = 0
Full range
20
20
nA
I
Input bias current
V
0
25
°C
65
200
65
200
pA
IIB
Input bias current
VO = 0
50
50
nA
VICR
Common-mode input
voltage range
25
°C
±11
−12
to
15
±11
−12
to
15
V
Mi
k
t
t
RL = 10 kΩ
25
°C
±12 ±13.5
±12 ±13.5
VOM
Maximum peak output
voltage swing
RL ≥ 10 kΩ
Full range
±12
±12
V
VOM
voltage swing
RL ≥ 2 kΩ
Full range
±10
±10
A
Large-signal differential
V
±10 V
R
≥ 2kΩ
25
°C
35
200
35
200
V/mV
AVD
Large signal differential
voltage amplification
VO = ±10 V,
RL ≥ 2 kΩ
15
15
V/mV
B1
Unity-gain bandwidth
TA = 25°C
3
3
MHz
ri
Input resistance
TA = 25°C
1012
1012
Ω
CMRR
Common-mode rejection
VIC = VICRmin,
25
°C
80
86
80
86
dB
CMRR
Common mode rejection
ratio
VO = 0,
RS = 50 Ω
25
°C
80
86
80
86
dB
kSVR
Supply-voltage rejection
VCC = ±9 V to ±15 V,
25
°C
80
86
80
86
dB
kSVR
Supply voltage rejection
ratio (
ΔVCC±/ΔVIO)
VO = 0,
RS = 50 Ω
25
°C
80
86
80
86
dB
ICC
Supply current (each
amplifier)
VO = 0,
No load
25
°C
1.4
2.5
1.4
2.5
mA
VO1/VO2
Crosstalk attenuation
AVD = 100
25
°C
120
120
dB
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in
Figure 4. Pulse techniques must be used that will maintain the junction temperature as close to the ambient temperature as possible.
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified. Full range is
TA = −55°C to 125°C.


同様の部品番号 - TL071ACDR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL071ACDR TI-TL071ACDR Datasheet
903Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071ACDR TI-TL071ACDR Datasheet
4Mb / 75P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
TL071ACDR TI-TL071ACDR Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071ACDR TI-TL071ACDR Datasheet
5Mb / 84P
[Old version datasheet]   TL07xx Low-Noise FET-Input Operational Amplifiers
TL071ACDR TI-TL071ACDR Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results

同様の説明 - TL071ACDR

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
logo
Motorola, Inc
TL071C MOTOROLA-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL074CJ TI1-TL074CJ Datasheet
1Mb / 48P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_09 Datasheet
1Mb / 40P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI1-TL071_16 Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI1-TL071_18 Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL071 TI-TL071_96 Datasheet
220Kb / 14P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071 TI-TL071_07 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL071CPSE4 TI-TL071CPSE4 Datasheet
1Mb / 49P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL074ING4 TI-TL074ING4 Datasheet
908Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com