データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3110D2 データシート(PDF) 10 Page - Texas Instruments

部品番号 TPA3110D2
部品情報  15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3110D2 データシート(HTML) 10 Page - Texas Instruments

Back Button TPA3110D2_10 Datasheet HTML 6Page - Texas Instruments TPA3110D2_10 Datasheet HTML 7Page - Texas Instruments TPA3110D2_10 Datasheet HTML 8Page - Texas Instruments TPA3110D2_10 Datasheet HTML 9Page - Texas Instruments TPA3110D2_10 Datasheet HTML 10Page - Texas Instruments TPA3110D2_10 Datasheet HTML 11Page - Texas Instruments TPA3110D2_10 Datasheet HTML 12Page - Texas Instruments TPA3110D2_10 Datasheet HTML 13Page - Texas Instruments TPA3110D2_10 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
VPLIMIT − PLIMIT Voltage − V
0
5
10
15
20
25
30
35
0
1
2
3
4
5
6
G014
Gain = 20 dB
VCC = 12 V
ZL = 4 Ω + 33 µH
VPLIMIT − PLIMIT Voltage − V
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
G013
Gain = 20 dB
VCC = 24 V
ZL = 8 Ω + 66 µH
f − Frequency − Hz
100
50
0
−300
0
5
10
15
20
25
30
35
40
−50
−100
−150
20
100
10k
100k
1k
G015
Phase
Gain
−200
−250
CI = 1 µF
Gain = 20 dB
Filter = Audio Precision AUX-0025
VCC = 12 V
VI = 0.1 Vrms
ZL = 8 Ω + 66 µH
VCC − Supply Voltage − V
0
5
10
15
20
25
30
6
8
10
12
14
16
18
20
22
24
26
G016
THD = 10%
THD = 1%
Gain = 20 dB
ZL = 8 Ω + 66 µH
TPA3110D2
SLOS528B – JULY 2009 – REVISED JULY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
(All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3110D2 EVM which is
available at ti.com.)
MAXIMUM OUTPUT POWER
OUTPUT POWER
vs
vs
PLIMIT VOLTAGE (BTL)
PLIMIT VOLTAGE (BTL)
Note: Dashed Lines represent thermally limited regions.
Figure 14.
Figure 15.
GAIN/PHASE
OUTPUT POWER
vs
vs
FREQUENCY (BTL)
SUPPLY VOLTAGE (BTL)
Note: Dashed Lines represent thermally limited regions.
Figure 16.
Figure 17.
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TPA3110D2


同様の部品番号 - TPA3110D2_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
More results

同様の説明 - TPA3110D2_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com