データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL2575-33INE4 データシート(PDF) 5 Page - Texas Instruments

部品番号 TL2575-33INE4
部品情報  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL2575-33INE4 データシート(HTML) 5 Page - Texas Instruments

  TL2575-33INE4 Datasheet HTML 1Page - Texas Instruments TL2575-33INE4 Datasheet HTML 2Page - Texas Instruments TL2575-33INE4 Datasheet HTML 3Page - Texas Instruments TL2575-33INE4 Datasheet HTML 4Page - Texas Instruments TL2575-33INE4 Datasheet HTML 5Page - Texas Instruments TL2575-33INE4 Datasheet HTML 6Page - Texas Instruments TL2575-33INE4 Datasheet HTML 7Page - Texas Instruments TL2575-33INE4 Datasheet HTML 8Page - Texas Instruments TL2575-33INE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
TL2575 Electrical Characteristics
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
I
LOAD = 200 mA, VIN = 12 V for 3.3-V, 5-V, and adjustable versions, VIN = 25 V for 12-V version, VIN = 30 V for 15-V version
(unless otherwise noted) (see Figure 2)
TL2575
PARAMETER
TEST CONDITIONS
TJ
UNIT
MIN
TYP
MAX
VIN = 12 V, ILOAD = 0.2 A
25
°C
3.234
3.3
3.366
TL2575-33
25
°C
3.168
3.3
3.432
4.75 V
≤ V
IN ≤ 40 V,
0.2 A
≤ I
LOAD ≤ 1 A
Full range
3.135
3.465
VIN = 12 V, ILOAD = 0.2 A
25
°C
4.9
5
5.1
TL2575-05
25
°C
4.8
5
5.2
8 V
≤ V
IN ≤ 40 V,
0.2 A
≤ I
LOAD ≤ 1 A
Full range
4.75
5.25
VOUT
Output voltage
V
VIN = 25 V, ILOAD = 0.2 A
25
°C
11.76
12
12.24
TL2575-12
25
°C
11.52
12
12.48
15 V
≤ V
IN ≤ 40 V,
0.2 A
≤ I
LOAD ≤ 1 A
Full range
11.4
12.6
VIN = 30 V, ILOAD = 0.2 A
25
°C
14.7
15
15.3
TL2575-15
25
°C
14.4
15
15.6
18 V
≤ V
IN ≤ 40 V,
0.2 A
≤ I
LOAD ≤ 1 A
Full range
14.25
15
15.75
VIN = 12 V, VOUT = 5 V,
25
°C
1.217
1.23
1.243
ILOAD = 0.2 A
Feedback voltage
TL2575-ADJ
V
25
°C
1.193
1.23
1.267
8 V
≤ V
IN ≤ 40 V, VOUT = 5 V,
0.2 A
≤ I
LOAD ≤ 1 A
Full range
1.18
1.28
TL2575-33
VIN = 12 V, ILOAD = 1 A
75
TL2575-05
VIN = 12 V, ILOAD = 1 A
77
TL2575-12
VIN = 15 V, ILOAD = 1 A
88
η
Efficiency
25
°C
%
TL2575-15
VIN = 18 V, ILOAD = 1 A
88
VIN = 12 V, VOUT = 5 V,
TL2575-ADJ
77
ILOAD = 1 A
25
°C
50
100
IIB
Feedback bias current
VOUT = 5 V (ADJ version only)
nA
Full range
500
25
°C
47
52
58
fo
Oscillator frequency(1)
kHz
Full range
42
63
25
°C
0.9
1.2
VSAT
Saturation voltage
IOUT = 1 A(2)
V
Full range
1.4
Maximum duty cycle(3)
25
°C
93
98
%
25
°C
1.7
2.8
3.6
ICL
Switch peak current(1)(2)
A
Full range
1.3
4
VIN = 40(4), Output = 0 V
2
IL
Output leakage current
25
°C
mA
VIN = 40(4), Output = –1 V
7.5
30
IQ
Quiescent current(4)
25
°C
5
10
mA
ISTBY
Standby quiescent current
OFF (ON/OFF = 5 V)
25
°C
50
200
µA
(1)
In the event of an output short or an overload condition, self-protection features lower the oscillator frequency to
∼18 kHz and the
minimum duty cycle from 5% to
∼2%. The resulting output voltage drops to ∼40% of its nominal value, causing the average power
dissipated by the IC to lower.
(2)
Output is not connected to diode, inductor, or capacitor. Output is sourcing current.
(3)
FEEDBACK is disconnected from output and connected to 0 V.
(4)
To force the output transistor off, FEEDBACK is disconnected from output and connected to 12 V for the adjustable, 3.3-V, and 5-V
versions and to 25 V for the 12-V and 15-V versions.
5
Submit Documentation Feedback


同様の部品番号 - TL2575-33INE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL2575-33INE4 TI-TL2575-33INE4 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
More results

同様の説明 - TL2575-33INE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
[Old version datasheet]   1-A Simple Step-Down Switching Voltage Regulators
TL2575 TI-TL2575 Datasheet
2Mb / 23P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-05-Q1 TI1-TL2575HV-05-Q1 Datasheet
800Kb / 22P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_08 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05 TI1-TL2575-05 Datasheet
1Mb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_15 Datasheet
1Mb / 32P
[Old version datasheet]   TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com