データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A4751RGYRG4 データシート(PDF) 1 Page - Texas Instruments

部品番号 TS3A4751RGYRG4
部品情報  0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3A4751RGYRG4 データシート(HTML) 1 Page - Texas Instruments

  TS3A4751RGYRG4 Datasheet HTML 1Page - Texas Instruments TS3A4751RGYRG4 Datasheet HTML 2Page - Texas Instruments TS3A4751RGYRG4 Datasheet HTML 3Page - Texas Instruments TS3A4751RGYRG4 Datasheet HTML 4Page - Texas Instruments TS3A4751RGYRG4 Datasheet HTML 5Page - Texas Instruments TS3A4751RGYRG4 Datasheet HTML 6Page - Texas Instruments TS3A4751RGYRG4 Datasheet HTML 7Page - Texas Instruments TS3A4751RGYRG4 Datasheet HTML 8Page - Texas Instruments TS3A4751RGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
FEATURES
APPLICATIONS
V+
IN1
IN4
NO4
COM4
NO3
COM3
NO1
COM1
NO2
IN2
COM2
IN3
GND
1
14
2
3
4
5
6
7
13
12
11
10
9
8
PW PACKAGE
(TOP VIEW)
RUC PACKAGE
(BOTTOM VIEW)
IN1
V+
IN3
GND
13
6
14
7
RUC PACKAGE
(TOP VIEW)
V+
IN1
GND
IN3
14
7
13
6
RGY PACKAGE
(BOTTOM VIEW)
GND
NO3
NO1
V
+
1
7
14
8
RGY PACKAGE
(TOP VIEW)
NO3
GND
V+
NO1
14
8
1
7
Exposed
Center
Pad
Exposed
Center
Pad
If the exposed center pad is used, it must be connected as a
secondary ground or left electrically open.
DESCRIPTION/ORDERING INFORMATION
TS3A4751
www.ti.com .............................................................................................................................................................. SCDS227D – JULY 2006 – REVISED JULY 2008
0.9-
Ω LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
• Low ON-State Resistance (r
ON)
0.9
Ω Max (3-V Supply)
1.5
Ω Max (1.8-V Supply)
• r
ON Flatness: 0.4 Ω Max (3-V)
• r
ON Matching
0.05
Ω Max (3-V Supply)
0.25
Ω Max (1.8-V Supply)
• 1.6-V to 3.6-V Single-Supply Operation
• 1.8-V CMOS Logic Compatible (3-V Supply)
• High Current-Handling Capacity (100 mA
Continuous)
• Fast Switching: t
ON = 14 ns, tOFF = 9 ns
• ESD Protection Exceeds JESD-22
4000-V Human Body Model (A114-A)
300-V Machine Model (A115-A)
1000-V Charged Device Model (C101)
• Power Routing
• Battery Powered Systems
• Audio and Video Signal Routing
• Low-Voltage Data-Acquisition Systems
• Communications Circuits
• PCMCIA Cards
• Cellular Phones
• Modems
• Hard Drives
The TS3A4751 is a low ON-state resistance (ron), low-voltage, quad, single-pole/single-throw (SPST) analog
switch that operates from a single 1.6-V to 3.6-V supply. This device has fast switching speeds, handles
rail-to-rail analog signals, and consumes very low quiescent power.
The digital input is 1.8-V CMOS compatible when using a 3-V supply.
The TS3A4751 has four normally open (NO) switches. The TS3A4751 is available in a 14-pin thin shrink
small-outline package (TSSOP) and in space-saving 14-pin SON (RGY) and micro QFN (RUC) packages.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TS3A4751RGYRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A4751RGYR TI1-TS3A4751RGYR Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
More results

同様の説明 - TS3A4751RGYRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com