データシートサーチシステム |
|
TS3A44159PWR データシート(PDF) 11 Page - Texas Instruments |
|
|
TS3A44159PWR データシート(HTML) 11 Page - Texas Instruments |
11 / 30 page TS3A44159 www.ti.com ......................................................................................................................................................... SCDS225A – MARCH 2007 – REVISED JUNE 2008 ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY (continued) V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic 25°C 1.8 V 40 70 VCOM = V+, Turn-on time tON CL = 35 pF ns 1.65 V to RL = 50 Ω, Full 75 1.95 V 25°C 1.8 V 22 45 VCOM = V+, Turn-off time tOFF CL = 35 pF ns 1.65 V to RL = 50 Ω, Full 50 1.95 V 25°C 1.8 V 5 25 70 Break-before- VNC = VNO = V+, tBBM CL = 35 pF ns 1.65 V to make time RL = 50 Ω, Full 4 75 1.95 V VGEN = 0, Charge injection QC CL = 1 nF 25°C 1.8 V 64 pC RGEN = 0, NC, NO CNC(OFF), VNC or VNO = V+ or GND, See Figure 19 25°C 1.8 V 52 pF OFF capacitance CNO(OFF) Switch OFF, NC, NO CNC(ON), VNC or VNO = V+ or GND, See Figure 19 25°C 1.8 V 164 pF ON capacitance CNO(ON) Switch OFF, COM VCOM = V+ or GND, CCOM(ON) See Figure 19 25°C 1.8 V 164 pF ON capacitance Switch ON, Digital input CI VI = V+ or GND 25°C 1.8 V 2.5 pF capacitance Bandwidth BW RL = 50 Ω, Switch ON 25°C 1.8 V 35 MHz RL = 50 Ω, OFF isolation OISO Switch OFF 25°C 1.8 V –71 dB f = 100 kHz, RL = 50 Ω, Crosstalk XTALK Switch ON 25°C 1.8 V –73 dB f = 100 kHz, Total harmonic RL = 600 Ω, f = 20 Hz to THD 25°C 1.8 V 0.1 % distortion CL = 50 pF, 20 kHz Supply 25°C 0.001 0.05 Positive supply I+ VI = V+ or GND, Switch ON or OFF 1.95 V µA current Full 0.15 Copyright © 2007–2008, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): TS3A44159 |
同様の部品番号 - TS3A44159PWR |
|
同様の説明 - TS3A44159PWR |