データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3A5017DRE4 データシート(PDF) 1 Page - Texas Instruments

部品番号 TS3A5017DRE4
部品情報  DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3A5017DRE4 データシート(HTML) 1 Page - Texas Instruments

  TS3A5017DRE4 Datasheet HTML 1Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 2Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 3Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 4Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 5Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 6Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 7Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 8Page - Texas Instruments TS3A5017DRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
1EN
V+
1
16
RGY PACKAGE
(TOP VIEW)
Exposed
Center
Pad
If exposed center pad is used, it must be
connected as a secondary ground
or left electrically open.
2
3
4
5
6
IN2
1S4
1S3
1S2
1S1
1D
2EN
IN1
2S4
2S3
2S2
2S1
7
GND
2D
8
9
15
14
13
12
11
10
1
Logic
Control
Logic
Control
16
D, DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
2
15
3
14
4
13
5
12
6
11
7
10
1EN
IN2
1S4
1S3
1S2
1S1
1D
GND
V+
2EN
IN1
2S4
2S3
2S2
2S1
2D
8
9
1S4
1S3
1S2
1S1
IN1
2S4
2S3
2S2
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
RSV PACKAGE
(TOP VIEW)
TS3A5017
www.ti.com .......................................................................................................................................... SCDS188D – JANUARY 2005 – REVISED DECEMBER 2008
DUAL SP4T ANALOG SWITCH
3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
• Isolation in the Powered-Down Mode, V
+ = 0
• Low ON-State Resistance
The TS3A5017 is a dual single-pole quadruple-throw
(4:1) analog switch that is designed to operate from
• Low Charge Injection
2.3 V to 3.6 V. This device can handle both digital
• Excellent ON-State Resistance Matching
and analog signals, and signals up to V+ can be
• Low Total Harmonic Distortion (THD)
transmitted in either direction.
• 2.3-V to 3.6-V Single-Supply Operation
FUNCTION TABLE
• Latch-Up Performance Exceeds 100 mA Per
D TO S,
JESD 78, Class II
EN
IN2
IN1
S TO D
• ESD Performance Tested Per JESD 22
L
L
L
D = S1
2000-V Human-Body Model
L
L
H
D = S2
(A114-B, Class II)
L
H
L
D = S3
L
H
H
D = S4
1000-V Charged-Device Model (C101)
H
X
X
OFF
• Sample-and-Hold Circuits
• Battery-Powered Equipment
• Audio and Video Signal Routing
• Communication Circuits
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TS3A5017DRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A5017DRE4 TI1-TS3A5017DRE4 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - TS3A5017DRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017 Datasheet
363Kb / 20P
[Old version datasheet]   14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5017 Dual SP4T Analog Switch / Multiplexer / Demultiplexer
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com