データシートサーチシステム |
|
TS5A23157 データシート(PDF) 4 Page - Texas Instruments |
|
TS5A23157 データシート(HTML) 4 Page - Texas Instruments |
4 / 23 page TS5A23157 SCDS165D – MAY 2004 – REVISED MAY 2008 ................................................................................................................................................................ www.ti.com ELECTRICAL CHARACTERISTICS FOR 5-V SUPPLY (continued) V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP(1) MAX UNIT Dynamic VNC = GND and VNO = V+ RL = 500 Ω, 4.5 V to Turn-on time tON or CL = 50 pF, Full 1.7 5.7 ns 5.5 V VNC = V+ and VNO = GND, See Figure 13 VNC = GND and VNO = V+ RL = 500 Ω, 4.5 V to Turn-off time tOFF or CL = 50 pF, Full 0.8 3.8 ns 5.5 V VNC = V+ and VNO = GND, See Figure 13 Break-before-make VNC = VNO = V+/2, CL = 35 pF, 4.5 V to tBBM Full 0.5 ns time RL = 50 Ω, See Figure 14 5.5 V VNC = VNO = V+/2, Charge injection QC See Figure 18 25 °C 5 V 7 pC RL = 50 Ω, NC, NO CNC(OFF), Switch OFF, VNC or VNO = V+ or GND, 25 °C 5 V 5.5 pF OFF capacitance CNO(OFF) See Figure 12 NC, NO CNC(ON), Switch ON, VNC or VNO = V+ or GND, 25 °C 5 V 17.5 pF ON capacitance CNO(ON) See Figure 12 COM Switch ON, CCOM(ON) VCOM = V+ or GND, 25 °C 5 V 17.5 pF ON capacitance See Figure 12 Digital input CIN VIN = V+ or GND, See Figure 12 25 °C 5 V 2.8 pF capacitance Switch ON, Bandwidth BW RL = 50 Ω, 25 °C 4.5 V 220 MHz See Figure 15 RL = 50 Ω, Switch OFF, OFF isolation OISO 25 °C 4.5 V –65 dB f = 10 MHz, See Figure 16 RL = 50 Ω, Switch ON, Crosstalk XTALK 25 °C 4.5 V –66 dB f = 10 MHz, See Figure 17 f = 600 Hz to Total harmonic RL = 600 Ω, THD 20 kHz, 25 °C 4.5 V 0.01 % distortion CL = 50 pF, See Figure 19 Supply 25 °C 1 Positive supply Switch ON or I+ VIN = V+ or GND, 5.5 V µA current OFF Full 10 Change in ΔI+ VIN = V+ – 0.6 V Full 5.5 V 500 µA supply current 4 Submit Documentation Feedback Copyright © 2004–2008, Texas Instruments Incorporated Product Folder Link(s): TS5A23157 |
同様の部品番号 - TS5A23157_10 |
|
同様の説明 - TS5A23157_10 |