データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A9411 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A9411
部品情報  10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A9411 データシート(HTML) 10 Page - Texas Instruments

Back Button TS5A9411 Datasheet HTML 6Page - Texas Instruments TS5A9411 Datasheet HTML 7Page - Texas Instruments TS5A9411 Datasheet HTML 8Page - Texas Instruments TS5A9411 Datasheet HTML 9Page - Texas Instruments TS5A9411 Datasheet HTML 10Page - Texas Instruments TS5A9411 Datasheet HTML 11Page - Texas Instruments TS5A9411 Datasheet HTML 12Page - Texas Instruments TS5A9411 Datasheet HTML 13Page - Texas Instruments TS5A9411 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TS5A9411
SCDS241A – MAY 2008 – REVISED JULY 2008 ............................................................................................................................................................... www.ti.com
PIN DESCRIPTION
PIN
NAME
DESCRIPTION
NO.
1
IN
Digital control to connect COM to NO
2
V+
Power supply
3
GND
Digital ground
4
NC
Normally closed
5
COM
Common
6
NO
Normally open
PARAMETER DESCRIPTION
SYMBOL
DESCRIPTION
VCOM
Voltage at COM
VNC
Voltage at NC
VNO
Voltage at NO
rON
Resistance between COM and NC or COM and NO ports when the channel is ON
ΔrON
Difference of ron between channels
rON(flat)
Difference between the maximum and minimum value of ron in a channel over the specified range of conditions
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the OFF state under
INC(OFF)
worst-case input and output conditions
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the OFF state under
INO(OFF)
worst-case input and output conditions
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the ON state and the
INC(ON)
output (COM) being open
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the ON state and the
INO(ON)
output (COM) being open
Leakage current measured at the COM port, with the corresponding channel (COM to NO or COM to NC) in the ON
ICOM(ON)
state and the output (NC or NO) being open
ICOM(PWROFF)
Leakage current measured at the COM port during the power-down condition, V+ = 0
VIH
Minimum input voltage for logic high for the control input (IN)
VIL
Maximum input voltage for logic low for the control input (IN)
VI
Voltage at IN
IIH, IIL
Leakage current measured at IN
Turn-on time for the switch. This parameter is measured under the specified range of conditions and by the
tON
propagation delay between the digital control (IN) signal and analog outputs (COM, NC, or NO) signal when the
switch is turning ON.
Turn-off time for the switch. This parameter is measured under the specified range of conditions and by the
tOFF
propagation delay between the digital control (IN) signal and analog outputs (COM, NC, or NO) signal when the
switch is turning OFF.
Break-before-make time. This parameter is measured under the specified range of conditions and by the
tBBM
propagation delay between the output of two adjacent analog channels (NC and NO) when the control signal
changes state.
Charge injection is a measurement of unwanted signal coupling from the control (IN) input to the analog (NC, NO,
or COM) output. This is measured in coulomb (C) and measured by the total charge induced due to switching of the
QC
control input. Charge injection, QC = CL × ΔVO, CL is the load capacitance and ΔVO is the change in analog
output voltage.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TS5A9411


同様の部品番号 - TS5A9411

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKR TI-TS5A9411DCKR Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKR TI1-TS5A9411DCKR Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKRG4 TI-TS5A9411DCKRG4 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - TS5A9411

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com