データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A4596DCKRE4 データシート(PDF) 10 Page - Texas Instruments

部品番号 TS5A4596DCKRE4
部品情報  8-??SPST ANALOG SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A4596DCKRE4 データシート(HTML) 10 Page - Texas Instruments

Back Button TS5A4596DCKRE4 Datasheet HTML 6Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 7Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 8Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 9Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 10Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 11Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 12Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 13Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TS5A4596
8 W SPST ANALOG SWITCH
5V/3.3V SINGLECHANNEL ANALOG SWITCH
SCDS181 − FEBRUARY 2005
www.ti.com
10
PARAMETER MEASUREMENT INFORMATION
V+
ICOM
ron +
V
COM * VNO
I
COM
W
GND
Channel ON
NO
VI
COM
VCOM
VI = VIH or VIL
VNO
IN
+
+
Figure 13. ON-State Resistance (ron)
Channel OFF
OFF-State Leakage Current
VI = VIH or VIL
V+
GND
NO
VI
COM
VCOM
VNO
IN
+
+
+
Figure 14. OFF-State Leakage Current (ICOM(OFF), INO(OFF))
Channel ON
ON-State Leakage Current
VI = VIH or VIL
V+
GND
NO
VI
COM
VCOM
VNO
IN
+
+
Figure 15. ON-State Leakage Current (ICOM(ON), INO(ON))


同様の部品番号 - TS5A4596DCKRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A4596DCKR TI-TS5A4596DCKR Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
More results

同様の説明 - TS5A4596DCKRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A4596 TI1-TS5A4596_14 Datasheet
890Kb / 22P
[Old version datasheet]   8- SPST ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
TS5A4594 TI-TS5A4594_08 Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501_06 Datasheet
103Kb / 10P
   Single SPST Analog Switch
May, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com