データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A23157DGSR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS5A23157DGSR
部品情報  DUAL 10-廓 SPDT ANALOG SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A23157DGSR データシート(HTML) 8 Page - Texas Instruments

Back Button TS5A23157DGSR Datasheet HTML 4Page - Texas Instruments TS5A23157DGSR Datasheet HTML 5Page - Texas Instruments TS5A23157DGSR Datasheet HTML 6Page - Texas Instruments TS5A23157DGSR Datasheet HTML 7Page - Texas Instruments TS5A23157DGSR Datasheet HTML 8Page - Texas Instruments TS5A23157DGSR Datasheet HTML 9Page - Texas Instruments TS5A23157DGSR Datasheet HTML 10Page - Texas Instruments TS5A23157DGSR Datasheet HTML 11Page - Texas Instruments TS5A23157DGSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
TYPICAL CHARACTERISTICS
4
8
12
16
20
0
0.5
1
1.5
2
2.5
3
3.5
TA = +855C
TA = +255C
TA = -405C
VCOM − V
0
20
40
60
80
100
120
140
0
1
2
3
4
5
VCOM − V
V+ = 1.65 V
V+ = 2.3 V
V+ = 3 V
V+ = 4.5 V
TA = 255C
Temperature − 5C
−1
0
1
2
3
4
5
−60
−40
−20
0
20
40
60
80
100
INC(OFF), INO(OFF),
INC(ON), INO(ON), and
ICOM(ON)
OFF
ON
4
6
8
10
0
1
2
3
4
5
VCOM − V
TA = +85°C
TA = +25°C
TA = −40°C
tON
tOFF
0
2
4
6
8
10
12
1.5
2
2.5
3
3.5
4
4.5
5
5.5
V+ − Supply Voltage − V
TA = 25°C
0
1
2
3
4
5
−60
−40
−20
0
20
40
60
80
100
tON
tOFF
TA − Temperature − 5C
TS5A23157
SCDS165D – MAY 2004 – REVISED MAY 2008 ................................................................................................................................................................ www.ti.com
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM (V+ = 3 V)
Figure 3. ron vs VCOM (V+ = 5 V)
Figure 4. Leakage Current vs Temperature
(V+ = 5.5 V)
Figure 5. tON and tOFF vs V+
Figure 6. tON and tOFF vs Temperature
(V+ = 5 V)
8
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TS5A23157


同様の部品番号 - TS5A23157DGSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23157DGSR TI-TS5A23157DGSR Datasheet
220Kb / 16P
[Old version datasheet]   SPDT ANALOG SWITCH
More results

同様の説明 - TS5A23157DGSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_15 Datasheet
1,016Kb / 30P
[Old version datasheet]   TS5A23157 Dual 10-廓 SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
logo
Protek Devices
PA3535 PROTEC-PA3535 Datasheet
168Kb / 9P
   0.4廓 Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com