データシートサーチシステム |
|
TS12A44515DR データシート(PDF) 1 Page - Texas Instruments |
|
|
TS12A44515DR データシート(HTML) 1 Page - Texas Instruments |
1 / 16 page 1 FEATURES D OR PW PACKAGE...TS12A44513 (TOP VIEW) 1 14 2 13 3 12 4 11 5 10 6 9 NO1 COM1 NC2 COM2 IN2 IN3 GND 7 8 V + IN1 IN4 NC4 COM4 COM3 NO3 D OR PW PACKAGE...TS12A44514 (TOP VIEW) 1 14 2 13 3 12 4 11 5 10 6 9 NO1 COM1 NO2 COM2 IN2 IN3 GND 7 8 V + IN1 IN4 NO4 COM4 COM3 NO3 D OR PW PACKAGE...TS12A44515 (TOP VIEW) 1 14 2 13 3 12 4 11 5 10 6 9 NC1 COM1 NC2 COM2 IN2 IN3 GND 7 8 V + IN1 IN4 NC4 COM4 COM3 NC3 DESCRIPTION/ORDERING INFORMATION TS12A44513 ,, TS12A44514,, TS12A44515 www.ti.com ............................................................................................................................................................................................. SCDS247 – OCTOBER 2008 LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES • 2-V to 12-V Single-Supply Operation • Specified Low OFF-Leakage Currents: • Specified ON-State Resistance: – 1 nA at 25°C – 15 Ω Max With 12-V Supply – 10 nA at 85°C – 20 Ω Max With 5-V Supply • Specified Low ON-Leakage Currents: – 50 Ω Max With 3.3-V Supply – 1 nA at 25°C • R DSON Matching – 10 nA at 85°C – 2.5 Ω (Max) at 12 V • Low Charge Injection: 11.5 pC (12-V Supply) – 3 Ω (Max) at 5 V • Fast Switching Speed: tON = 80 ns, tOFF = 50 ns (12-V Supply) – 3.5 Ω (Max) at 3.3 V • Break-Before-Make Operation (t ON > tOFF) • TTL/CMOS-Logic Compatible With 5-V Supply • Available in TSSOP-14 Package, SOIC-14 The TS12A44513/TS12A44514/TS12A44515 are quad single pole/single throw (SPST), low-voltage / wide range, single-supply CMOS analog switches, with very low switch ON-state resistance. The TS12A44513 has two switches normally closed (NC) and two switches normally open (NO), the TS12A44514 switches are normally open (NO), the TS12A44515 switches are normally closed (NC). These CMOS switches can operate continuously with a single supply between 2 V and 12 V. Each switch can handle rail-to-rail analog signals. The OFF-leakage current maximum is only 1 nA at 25°C or 10 nA at 85°C. All digital inputs have 0.8-V to 2.4-V logic thresholds, ensuring TTL/CMOS-logic compatibility when using a 5-V supply. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - TS12A44515DR |
|
同様の説明 - TS12A44515DR |