データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C2550IPFBRG4 データシート(PDF) 11 Page - Texas Instruments

部品番号 TL16C2550IPFBRG4
部品情報  1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TL16C2550IPFBRG4 データシート(HTML) 11 Page - Texas Instruments

Back Button TL16C2550IPFBRG4 Datasheet HTML 7Page - Texas Instruments TL16C2550IPFBRG4 Datasheet HTML 8Page - Texas Instruments TL16C2550IPFBRG4 Datasheet HTML 9Page - Texas Instruments TL16C2550IPFBRG4 Datasheet HTML 10Page - Texas Instruments TL16C2550IPFBRG4 Datasheet HTML 11Page - Texas Instruments TL16C2550IPFBRG4 Datasheet HTML 12Page - Texas Instruments TL16C2550IPFBRG4 Datasheet HTML 13Page - Texas Instruments TL16C2550IPFBRG4 Datasheet HTML 14Page - Texas Instruments TL16C2550IPFBRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TL16C2550
SLWS161D – JUNE 2005 – REVISED OCTOBER 2006
ELECTRICAL CHARACTERISTICS (continued)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
2.5 V Nominal
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Ci(CLK)
Clock input impedance
15
20
pF
VCC = 0, VSS = 0, f = 1 MHz,
CO(CLK)
Clock output impedance
20
30
pF
TA = 25°C, All other terminals
CI
Input impedance
6
10
pF
grounded
CO
Output impedance
10
20
pF
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
3.3 V Nominal
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VOH
High-level output voltage(2)
IOH = -1.8 mA
2.4
V
VOL
Low-level output voltage(2)
IOL = 3.2 mA
0.5
V
II
Input current
VCC = 3.6 V, VSS = 0, VI = 0 to
10
µA
3.6 V, All other terminals floating
IOZ
High-impedance-state output current VCC = 3.6 V, VSS = 0, VI = 0 to
±20
µA
3.6 V, Chip slected in write mode or
chip deselcted
ICC
Supply current
VCC = 3.6 V, TA = 0°C, RXA, RXB,
4
mA
DSRA, DSRB, CDA, CDB, CTSA,
CTSB, RIA, and RIB at 2 V, All
other inputs at 0.8 V, XTAL1 at 20
MHz, No load on outputs
Ci(CLK)
Clock input impedance
15
20
pF
VCC = 0, VSS = 0, f = 1 MHz,
CO(CLK)
Clock output impedance
20
30
pF
TA = 25°C, All other terminals
CI
Input impedance
6
10
pF
grounded
CO
Output impedance
10
20
pF
(1)
All typical values are at VCC = 3.3 V and TA = 25°C.
(2)
These parameters apply for all outputs except XTAL2.
11
Submit Documentation Feedback


同様の部品番号 - TL16C2550IPFBRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C2550IPFBR TI-TL16C2550IPFBR Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550IPFBRQ1 TI1-TL16C2550IPFBRQ1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
More results

同様の説明 - TL16C2550IPFBRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2552 TI1-TL16C2552_16 Datasheet
408Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI-TL16C2752 Datasheet
340Kb / 25P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
TL16C2550 TI-TL16C2550 Datasheet
417Kb / 34P
[Old version datasheet]   2.5-V to 5-V DUAL UART WITH 16-BYTE FIFOS
logo
NXP Semiconductors
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com