データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3L110PW データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TS3L110PW
部品情報  QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3L110PW データシート(HTML) 1 Page - Texas Instruments

  TS3L110PW Datasheet HTML 1Page - Texas Instruments TS3L110PW Datasheet HTML 2Page - Texas Instruments TS3L110PW Datasheet HTML 3Page - Texas Instruments TS3L110PW Datasheet HTML 4Page - Texas Instruments TS3L110PW Datasheet HTML 5Page - Texas Instruments TS3L110PW Datasheet HTML 6Page - Texas Instruments TS3L110PW Datasheet HTML 7Page - Texas Instruments TS3L110PW Datasheet HTML 8Page - Texas Instruments TS3L110PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TS3L110
QUAD SPDT HIGH-BANDWIDTH 10/100 BASE-T LAN SWITCH
DIFFERENTIAL 8-CHANNEL TO 4-CHANNEL MULTIPLEXER/DEMULTIPLEXER
SCDS176 − SEPTEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Bandwidth (BW = 500 MHz Typ)
D Low Crosstalk (X
TALK = −30 dB Typ)
D Bidirectional Data Flow, With Near-Zero
Propagation Delay
D Low and Flat ON-State Resistance
(ron = 4 W Typ, ron(flat) = 1 W)
D Switching on Data I/O Ports (0 to 5 V)
D V
CC Operating Range From 3 V to 3.6 V
D I
off Supports Partial-Power-Down Mode
Operation
D Data and Control Inputs Have Undershoot
Clamp Diodes
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D Suitable for Both 10 Base-T/100 Base-T
Signaling
D, DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S
IA0
IA1
YA
IB0
IB1
YB
GND
VCC
E
ID0
ID1
YD
IC0
IC1
YC
RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
E
ID0
ID1
YD
IC0
IC1
IA0
IA1
YA
IB0
IB1
YB
description/ordering information
The TI TS3L110 LAN switch is a 4-bit 1-of-2 multiplexer/demultiplexer with a single switch-enable (E) input.
When E is low, the switch is enabled, and the I port is connected to the Y port. When E is high, the switch is
disabled, and the high-impedance state exists between the I and Y ports. The select (S) input controls the data
path of the multiplexer/demultiplexer.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
TS3L110RGYR
TK110
SOIC
D
Tube
TS3L110D
TS3L110
SOIC − D
Tape and reel
TS3L110DR
TS3L110
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
TS3L110DBQR
TK110
40 C to 85 C
TSSOP
PW
Tube
TS3L110PW
TK110
TSSOP − PW
Tape and reel
TS3L110PWR
TK110
TVSOP − DGV
Tape and reel
TS3L110DGVR
TK110
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
© 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - TS3L110PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3L110PW TI-TS3L110PW Datasheet
468Kb / 18P
[Old version datasheet]   QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
TS3L110PWR TI-TS3L110PWR Datasheet
468Kb / 18P
[Old version datasheet]   QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
More results

同様の説明 - TS3L110PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3L110 TI-TS3L110 Datasheet
468Kb / 18P
[Old version datasheet]   QUAD SPDT HIGH BANDWIDTH 10/100 BASE T LAN SWITCH DIFFERENTIAL 8 CHANNEL TO 4 CHANNEL MULTIPLEXER
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
   ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBTU04083 NXP-CBTU04083 Datasheet
323Kb / 14P
   1.8 V, wide bandwidth, 4 differential channel, 2 : 1 multiplexer/demultiplexer switch
Rev. 1-16 July 2010
logo
Texas Instruments
TS5A9411 TI-TS5A9411_09 Datasheet
613Kb / 22P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890_07 Datasheet
175Kb / 17P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 2; 8/07
logo
Texas Instruments
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Maxim Integrated Produc...
MAX4890 MAXIM-MAX4890 Datasheet
280Kb / 18P
   10/100/1000 Base-T Ethernet LAN Switch
Rev 1; 8/05
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com