データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3L500 データシート(PDF) 5 Page - Texas Instruments

部品番号 TS3L500
部品情報  16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS3L500 データシート(HTML) 5 Page - Texas Instruments

  TS3L500_10 Datasheet HTML 1Page - Texas Instruments TS3L500_10 Datasheet HTML 2Page - Texas Instruments TS3L500_10 Datasheet HTML 3Page - Texas Instruments TS3L500_10 Datasheet HTML 4Page - Texas Instruments TS3L500_10 Datasheet HTML 5Page - Texas Instruments TS3L500_10 Datasheet HTML 6Page - Texas Instruments TS3L500_10 Datasheet HTML 7Page - Texas Instruments TS3L500_10 Datasheet HTML 8Page - Texas Instruments TS3L500_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TS3L500
16BIT TO 8BIT SPDT GIGABIT LAN SWITCH
WITH LED SWITCH
SCDS212B − SEPTEMBER 2005 − REVISED APRIL 2006
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics for 1000 Base-T ethernet switching over recommended operating free-air
temperature range, VCC = 3.3 V + 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
SEL
VCC = 3.6 V,
IIN = −18 mA
−0.7
−1.2
V
IIH
SEL
VCC = 3.6 V,
VIN = VCC
±1
µA
IIL
SEL
VCC = 3.6 V,
VIN = GND
±1
µA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
250
500
µA
CIN
SEL
f = 1 MHz,
VIN = 0
2
2.5
pF
COFF
B port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
2.5
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
8
9
pF
ron
VCC = 3 V,
1.5 V
≤ VI ≤ VCC,
IO = −40 mA
4
6
ron(flat)§
VCC = 3 V,
VI = 1.5 V and VCC, IO = −40 mA
0.5
∆ron¶
VCC = 3 V,
1.5 V
≤ VI ≤ VCC,
IO = −40 mA
0.4
1
† VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
‡ All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
§ ron(flat) is the difference of ron in a given channel at specified voltages.
¶ ∆ron is the difference of ron from center (A4, A5) ports to any other port.
electrical characteristics for 10/100 Base-T ethernet switching over recommended operating
free-air temperature range, VCC = 3.3 V + 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
SEL
VCC = 3.6 V,
IIN = −18 mA
−0.7
−1.2
V
IIH
SEL
VCC = 3.6 V,
VIN = VCC
±1
µA
IIL
SEL
VCC = 3.6 V,
VIN = GND
±1
µA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
250
500
µA
CIN
SEL
f = 1 MHz,
VIN = 0
2
2.5
pF
COFF
B port
VI = 0,
f = 1 MHz,
Outputs open,
Switch OFF
2.5
4
pF
CON
VI = 0,
f = 1 MHz,
Outputs open,
Switch ON
8
pF
ron
VCC = 3 V,
1.25 V
≤ VI ≤ VCC,
IO = −10 mA to −30 mA
4
6
ron(flat)§
VCC = 3 V,
VI = 1.25 V and VCC,
IO = −10 mA to −30 mA
0.5
∆ron¶
VCC = 3 V,
1.25 V
≤ VI ≤ VCC,
IO = −10 mA to −30 mA
0.4
1
† VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
‡ All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
§ ron(flat) is the difference of ron in a given channel at specified voltages.
¶ ∆ron is the difference of ron from center (A4, A5) ports to any other port.


同様の部品番号 - TS3L500_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE Datasheet
476Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AERHUR TI-TS3L500AERHUR Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AERHUR TI-TS3L500AERHUR Datasheet
476Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
More results

同様の説明 - TS3L500_10

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3L500 TI-TS3L500 Datasheet
330Kb / 15P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L4892 TI-TS3L4892 Datasheet
630Kb / 18P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH
TS3L500AE TI-TS3L500AE_08 Datasheet
476Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE_10 Datasheet
458Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
TS3L500AE TI-TS3L500AE Datasheet
579Kb / 19P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LED SWITCH AND ENHANCED ESD PROTECTION
logo
STMicroelectronics
STMUX1000L STMICROELECTRONICS-STMUX1000L Datasheet
503Kb / 9P
   GIGABIT LAN ANALOG SWITCH 16-BIT TO 8-BIT MULTIPLEXER
logo
Texas Instruments
TS3L301 TI-TS3L301 Datasheet
252Kb / 16P
[Old version datasheet]   16 BIT TO 8 BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON STATE RESISTANCE
TS3L301 TI-TS3L301_07 Datasheet
350Kb / 17P
[Old version datasheet]   16-BIT TO 8-BIT SPDT GIGABIT LAN SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
logo
STMicroelectronics
STMUX1800E STMICROELECTRONICS-STMUX1800E Datasheet
322Kb / 26P
   16-bit to 8-bit MUX/DEMUX for gigabit Ethernet LAN switch with LED switch and enhanced ESD protection
November 2011 Rev 3
logo
Texas Instruments
TS3L501E TI-TS3L501E Datasheet
273Kb / 14P
[Old version datasheet]   16-BIT TO 8-BIT MULTIPLEXER/DEMULTIPLEXER GIGABIT ETHERNET LAN SWITCH WITH POWER DOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com