データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1825AJ データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC1825AJ
部品情報  HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1825AJ データシート(HTML) 5 Page - Texas Instruments

  UC1825AJ Datasheet HTML 1Page - Texas Instruments UC1825AJ Datasheet HTML 2Page - Texas Instruments UC1825AJ Datasheet HTML 3Page - Texas Instruments UC1825AJ Datasheet HTML 4Page - Texas Instruments UC1825AJ Datasheet HTML 5Page - Texas Instruments UC1825AJ Datasheet HTML 6Page - Texas Instruments UC1825AJ Datasheet HTML 7Page - Texas Instruments UC1825AJ Datasheet HTML 8Page - Texas Instruments UC1825AJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
UC1823A,UC2823A, UC2823B,
UC3823A,UC3823B,UC1825A,
UC2825A,UC2825B,UC3825A,UC3825B
SLUS334D − AUGUST 1995 − REVISED NOVEMBER 2008
www.ti.com
5
ELECTRICAL CHARACTERISTICS
TA = −55°C to 125°C for the UC1823A/UC1825A, TA = −40°C to 85°C for the UC2823x/UC2825x, TA = 0°C to 70°C for the UC3823x/UC3825x,
RT = 3.65 kΩ, CT = 1 nF, VCC = 12 V, TA = TJ (unless otherwise noted)
PWM COMPARATOR
IBIAS
Bias current, RAMP
VRAMP = 0 V
−1
−8
µA
Minimum duty cycle
0%
Maximum duty cycle
85%
tLEB
Leading edge blanking time
RLEB = 2 kΩ, CLEB = 470 pF
300
375
450
ns
RLEB
Leading edge blanking resistance
VCLK/LEB = 3 V
8.5
10.0
11.5
k
VZDC
Zero dc threshold voltage, EAOUT
VRAMP = 0 V
1.10
1.25
1.4
V
tDELAY Delay-to-output time
VEAOUT = 2.1 V, VILIM = 0 V to 2 V step
50
80
ns
CURRENT LIMIT / START SEQUENCE / FAULT
ISS
Soft-start charge current
VSS= 2.5 V
8
14
20
µA
VSS
Full soft-start threshold voltage
4.3
5
V
IDSCH
Restart discharge current
VSS= 2.5 V
100
250
350
µA
ISS
Restart threshold voltage
0.3
0.5
V
IBIAS
ILIM bias current
VILIM = 0 V to 2 V step
15
µA
ICL
Current limit threshold voltage
0.95
1
1.05
V
Overcurrent threshold voltage
1.14
1.2
1.26
V
td
Delay-to-output time, ILIM(1)
VILIM = 0 V to 2 V step
50
80
ns
OUTPUT
Low-level output saturation voltage
IOUT = 20 mA
0.25
0.4
Low-level output saturation voltage
IOUT = 200 mA
1.2
2.2
V
High-level output saturation voltage
IOUT = 20 mA
1.9
2.9
V
High-level output saturation voltage
IOUT = 200 mA
2
3
tr,
tf
Rise/fall time(1)
CL = 1 nF
20
45
ns
UNDERVOLTAGE LOCKOUT (UVLO)
UC2823B, UC2825B, UC3825B, UC3825B
16
17
Start threshold voltage
UC1823A, UC1825A, UC2823A, UC2825A
UC3825A, UC3825A
8.4
9.2
9.6
Stop threshold voltage
UC2823B, UC2825B, UC3825B, UC3825B
9
10
V
OVLO hysteresis
UC1823A, UC1825A, UC2823A, UC2825A
UC3825A, UC3825A
0.4
0.8
1.2
V
OVLO hysteresis
UC2823B, UC2825B, UC3825B, UC3825B
5
6
7
SUPPLY CURRENT
Isu
Startup current
VC = VCC = VTH = −0.5 V
100
300
µA
ICC
Input current
28
36
mA
(1) Ensured by design. Not production tested.


同様の部品番号 - UC1825AJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1825AJ TI-UC1825AJ Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1825AJ TI1-UC1825AJ Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC1825AJ883B TI-UC1825AJ883B Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1825AJ883B TI1-UC1825AJ883B Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC1825AJQMLV TI-UC1825AJQMLV Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results

同様の説明 - UC1825AJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com