データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1823AL883B データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC1823AL883B
部品情報  HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

UC1823AL883B データシート(HTML) 7 Page - Texas Instruments

Back Button UC1823AL883B Datasheet HTML 3Page - Texas Instruments UC1823AL883B Datasheet HTML 4Page - Texas Instruments UC1823AL883B Datasheet HTML 5Page - Texas Instruments UC1823AL883B Datasheet HTML 6Page - Texas Instruments UC1823AL883B Datasheet HTML 7Page - Texas Instruments UC1823AL883B Datasheet HTML 8Page - Texas Instruments UC1823AL883B Datasheet HTML 9Page - Texas Instruments UC1823AL883B Datasheet HTML 10Page - Texas Instruments UC1823AL883B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
UC1823A,UC2823A, UC2823B,
UC3823A,UC3823B,UC1825A,
UC2825A,UC2825B,UC3825A,UC3825B
SLUS334D − AUGUST 1995 − REVISED NOVEMBER 2008
www.ti.com
7
LEADING EDGE BLANKING
The UC3823A, UC2823B, UC3825A, and UC3825B perform fixed frequency pulse width modulation control. The
UC3823A, and UC3823B outputs operate together at the switching frequency and can vary from zero to some value less
than 100%. The UC3825A and UC3825B outputs are alternately controlled. During every other cycle, one output is off.
Each output then switches at one-half the oscillator frequency, varying in duty cycle from 0 to less than 50%.
To limit maximum duty cycle, the internal clock pulse blanks both outputs low during the discharge time of the oscillator.
On the falling edge of the clock, the appropriate output(s) is driven high. The end of the pulse is controlled by the PWM
comparator, current limit comparator, or the overcurrent comparator.
Normally the PWM comparator senses a ramp crossing a control voltage (error amplifier output) and terminates the pulse.
Leading edge blanking (LEB) causes the PWM comparator to be ignored for a fixed amount of time after the start of the
pulse. This allows noise inherent with switched mode power conversion to be rejected. The PWM ramp input may not
require any filtering as result of leading edge blanking.
To program a leading edge blanking (LEB) period, connect a capacitor, C, to CLK/LEB. The discharge time set by C and
the internal 10-k
Ω resistor determines the blanked interval. The 10-kΩ resistor has a 10% tolerance. For more accuracy,
an external 2-k
Ω 1% resistor (R) can be added, resulting in an equivalent resistance of 1.66 kΩ with a tolerance of 2.4%.
The design equation is:
t
LEB + 0.5
R
ø 10 kW
C
Values of R less than 2 k
Ω should not be used.
Leading edge blanking is also applied to the current limit comparator. After LEB, if the ILIM pin exceeds the 1-V threshold,
the pulse is terminated. The overcurrent comparator, however, is not blanked. It catches catastrophic overcurrent faults
without a blanking delay. Any time the ILIM pin exceeds 1.2 V, the fault latch is set and the outputs driven low. For this
reason, some noise filtering may be required on the ILIM pin.
UDG−95105
Figure 4. Leading Edge Blanking Operational Waveforms
(2)


同様の部品番号 - UC1823AL883B

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1823AL883B TI-UC1823AL883B Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC1823AL883B TI1-UC1823AL883B Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

同様の説明 - UC1823AL883B

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com