データシートサーチシステム |
|
Z0107MAG データシート(PDF) 1 Page - ON Semiconductor |
|
Z0107MAG データシート(HTML) 1 Page - ON Semiconductor |
1 / 10 page © Semiconductor Components Industries, LLC, 2009 June, 2009− Rev. 2 1 Publication Order Number: Z0103MA/D Z0103MA, Z0107MA, Z0109MA Sensitive Gate Triacs Series Silicon Bidirectional Thyristors Designed for use in solid state relays, MPU interface, TTL logic and any other light industrial or consumer application. Supplied in an inexpensive TO−92 package which is readily adaptable for use in automatic insertion equipment. Features • One−Piece, Injection−Molded Package • Blocking Voltage to 600 V • Sensitive Gate Triggering in Four Trigger Modes (Quadrants) for all possible Combinations of Trigger Sources, and especially for Circuits that Source Gate Drives • All Diffused and Glassivated Junctions for Maximum Uniformity of Parameters and Reliability • Improved Noise Immunity (dv/dt Minimum of 10 V/msec at 110°C) • Commutating di/dt of 1.6 A/msec at 110°C • High Surge Current of 8 A • These are Pb−Free Devices MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) Rating Symbol Value Unit Peak Repetitive Off-State Voltage (TJ = −40 to +125°C)(1) Sine Wave 50 to 60 Hz, Gate Open VDRM, VRRM 600 V On-State RMS Current Full Cycle Sine Wave 50 to 60 Hz (TC = +50°C) IT(RMS) 1.0 A Peak Non−Repetitive Surge Current One Full Cycle, Sine Wave 60 Hz (TC = 110°C) ITSM 8.0 A Circuit Fusing Considerations (t = 8.3 ms) I2t 0.35 A2s Average Gate Power (TC = 80°C, t v 8.3 ms) PG(AV) 1.0 W Peak Gate Current (t v 20 ms, TJ = +125°C) IGM 1.0 A Operating Junction Temperature Range TJ −40 to +125 °C Storage Temperature Range Tstg −40 to +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. VDRM and VRRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded. TRIACS 1.0 AMPERE RMS 600 VOLTS http://onsemi.com See detailed ordering and shipping information in the package dimensions section on page 9 of this data sheet. ORDERING INFORMATION MT1 G MT2 TO−92 (TO−226AA) CASE 029 STYLE 12 PIN ASSIGNMENT 1 2 3 Gate Main Terminal 2 Main Terminal 1 1 2 3 1 2 BENT LEAD TAPE & REEL AMMO PACK STRAIGHT LEAD BULK PACK 3 12 3 Z01 10xMA YWW G G MARKING DIAGRAM x = 3,7,9 Y = Year WW = Work Week G = Pb−Free Package (Note: Microdot may be in either location) |
同様の部品番号 - Z0107MAG |
|
同様の説明 - Z0107MAG |