データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMBC-0994-2000 データシート(PDF) 1 Page - Schurter Inc.

部品番号 FMBC-0994-2000
部品情報  Ultra compact and efficient 2-stage filter in ECO design for 3-phase systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHURTER [Schurter Inc.]
ホームページ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBC-0994-2000 データシート(HTML) 1 Page - Schurter Inc.

  FMBC-0994-2000 Datasheet HTML 1Page - Schurter Inc. FMBC-0994-2000 Datasheet HTML 2Page - Schurter Inc. FMBC-0994-2000 Datasheet HTML 3Page - Schurter Inc. FMBC-0994-2000 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

3-Phase Filters
FMBC ECO
www.schurter.com/pg80
EMC Products
Ultra compact and efficient 2-stage filter in ECO design for 3-phase systems
Description
-Highattenuationvalue
-Costoptimizedfilterdesignwithexcellentprice/perfomanceratio
-Verylightduetopartialpotting
Standards
-IEC60939
-UL1283,Edition5,CSA22.2No.8-M1986,@Ta40°C
Approvals
-VDELicenseNumber:40023521
Applications
-Voltagerating480VACforworldwideacceptance
-Especiallydesignedforindustrialapplicationssuchas:FrequencyCon-
verters,StepperMotorDrives,UPS-Systems,Inverters
-QualifiedforuseinequipmentaccordingIEC/EN60950
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check
Technical Data
RatedCurrent
10-115A
Ratedvoltage
480VAC,50/60Hz
Approvalfor
10-115A@Ta40°C/480VAC;
50/60Hz
OverloadCurrent
1.5xIr
LeakageCurrent
industrial<5mA(440V/50Hz)
DielectricStrengthfor480VAC >2.25kVDCbetweenL-L
>3kVDCbetweenL-PE
NumberofFilterStages
2
Weight
1.1-5kg
Material:Housing
Alu.anodised
SealingCompound
UL94V-0
Mounting
Screw-onmountingonchassis,upright
orlengthwise
Terminal
Screwterminals
OperatingTemperature[°C]
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
DegreeofProtection
IP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
MTBF
>200'000hacc.toMIL-HB-217F
Dimensions
Case 94
50 max.
(14.5)
255 max.
240+0
-2
0.5...0.6 Nm
(1)
25 ±0.3
(12)
1)
2)
(220)
1) Line
2) Load


同様の部品番号 - FMBC-0994-2000

メーカー部品番号データシート部品情報
logo
Schurter Inc.
FMBC-0927 SCHURTER-FMBC-0927 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0931 SCHURTER-FMBC-0931 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0932 SCHURTER-FMBC-0932 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0937 SCHURTER-FMBC-0937 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMBC-0938 SCHURTER-FMBC-0938 Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
More results

同様の説明 - FMBC-0994-2000

メーカー部品番号データシート部品情報
logo
Schurter Inc.
FMACECO SCHURTER-FMACECO Datasheet
601Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMAC-091C-1610 SCHURTER-FMAC-091C-1610 Datasheet
849Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
   2-stage filter for 3-phase systems
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMAC SCHURTER-FMAC_V01 Datasheet
848Kb / 8P
   1- stage filter for 3-phase systems
FMADNEO SCHURTER-FMADNEO Datasheet
749Kb / 6P
   1-stage filter for 3-phase systems
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
   Compact 1-stage filter for 3-phase systems with neutral conductor
FMBD SCHURTER-FMBD Datasheet
968Kb / 6P
   2-stage filter for 3-phase systems with neutral conductor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com