データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC12017D データシート(PDF) 2 Page - Motorola, Inc

部品番号 MC12017D
部品情報  Dual Modulus Prescaler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12017D データシート(HTML) 2 Page - Motorola, Inc

  MC12017D Datasheet HTML 1Page - Motorola, Inc MC12017D Datasheet HTML 2Page - Motorola, Inc MC12017D Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MC12015 MC12016 MC12017
2
MOTOROLA RF/IF DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Regulated Voltage, Pin 7
Vreg
8.0
Vdc
Power Supply Voltage, Pin 8
VCC
10
Vdc
Operating Temperature Range
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–65 to +175
°C
NOTE:
ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 5.5 to 9.5 V; Vreg = 4.5 to 5.5 V; TA = –40 to 85°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave Input)
fmax
225
MHz
fmin
35
Supply Current
ICC
6.0
7.8
mA
Control Input HIGH (
÷32, 40 or 64)
VIH
2.0
V
Control Input LOW (
÷33, 41 or 65)
VIL
0.8
V
Output Voltage HIGH (Isource = 50µA) [Nofe 1]
VOH
2.5
V
Output Voltage LOW (Isink = 2mA) [Note 1]
VOL
0.5
V
Input Voltage Sensitivity
Vin
mVpp
35 MHz
400
800
50 to 225 MHz
200
800
PLL Response Time [Notes 2 and 3]
tPLL
tout to 70
ns
NOTES: 1.
Pin 2 connected to Pin 3.
2.
tPLL = the period of time the PLL has from the prescaler rising output tranistion (50%) to the modulus control input edge transition
(50%) to ensure proper modulus selection.
3.
tout = period of output waveform.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


同様の部品番号 - MC12017D

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
MC12017D LANSDALE-MC12017D Datasheet
310Kb / 4P
   Dual Modulus Prescaler
MC12017D LANSDALE-MC12017D Datasheet
135Kb / 4P
   Dual Modulus Prescaler
More results

同様の説明 - MC12017D

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
ML12015 LANSDALE-ML12015 Datasheet
310Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12009 MOTOROLA-MC12009 Datasheet
214Kb / 15P
   Dual Modulus Prescaler
logo
Freescale Semiconductor...
MC12019 FREESCALE-MC12019 Datasheet
237Kb / 3P
   Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12019 LANSDALE-ML12019 Datasheet
958Kb / 4P
   Dual Modulus Prescaler
ML12019 LANSDALE-ML12019_08 Datasheet
171Kb / 4P
   Dual Modulus Prescaler
ML12015 LANSDALE-ML12015_08 Datasheet
135Kb / 4P
   Dual Modulus Prescaler
logo
Motorola, Inc
MC12018 MOTOROLA-MC12018 Datasheet
53Kb / 4P
   520MHz Dual Modulus Prescaler
MC12022A MOTOROLA-MC12022A Datasheet
74Kb / 8P
   1.1GHz Dual Modulus Prescaler
MC12026A MOTOROLA-MC12026A Datasheet
66Kb / 6P
   1.1GHz Dual Modulus Prescaler
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com