データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMZ12002TZ-ADJ データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LMZ12002TZ-ADJ
部品情報  2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12002TZ-ADJ データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LMZ12002TZ-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LMZ12002TZ-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LMZ12002TZ-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LMZ12002TZ-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LMZ12002TZ-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LMZ12002TZ-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LMZ12002TZ-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LMZ12002TZ-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LMZ12002TZ-ADJ Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Efficiency 6V Input @ 25°C
30114721
Dissipation 6V Input @ 25°C
30114722
Efficiency 8V Input @ 25°C
30114755
Dissipation 6V Input @ 25°C
30114756
Efficiency 12V Input @ 25°C
30114703
Dissipation 12V Input @ 25°C
30114704
www.national.com
6


同様の部品番号 - LMZ12002TZ-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMZ12002TZ-ADJ NSC-LMZ12002TZ-ADJ Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12002TZ-ADJ/NOPB TI-LMZ12002TZ-ADJ/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
More results

同様の説明 - LMZ12002TZ-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ12003 NSC-LMZ12003_1 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ12010TZ TI-LMZ12010TZ Datasheet
1Mb / 29P
[Old version datasheet]   LMZ12010 10A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com