データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC01-6.TD データシート(PDF) 1 Page - Semtech Corporation

部品番号 LC01-6.TD
部品情報  Low Capacitance TVS for High-Speed Telecommunication Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC01-6.TD データシート(HTML) 1 Page - Semtech Corporation

  LC01-6.TD Datasheet HTML 1Page - Semtech Corporation LC01-6.TD Datasheet HTML 2Page - Semtech Corporation LC01-6.TD Datasheet HTML 3Page - Semtech Corporation LC01-6.TD Datasheet HTML 4Page - Semtech Corporation LC01-6.TD Datasheet HTML 5Page - Semtech Corporation LC01-6.TD Datasheet HTML 6Page - Semtech Corporation LC01-6.TD Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.semtech.com
PROTECTION PRODUCTS
LC01-6
Low Capacitance TVS for High-Speed
Telecommunication Systems
1500 watts peak pulse power (t
p = 10/1000µs)
Transient protection for high speed data lines to
IEC 61000-4-2 (ESD), ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT), 40A (5/50ns)
IEC 61000-4-5 (Lightning), 95A (8/20µs)
Bellcore 1089 (Outer-Building),
100A (10/1000µs), 500A (2/10µs)
FCC Part 68, 200A (10/160µs)
ITU K.21, 100A (5/310µs)
ITU K.20, 200A (5/310µs)
Differential protection for one Tip and Ring line pair
Low capacitance for high speed interfaces
Low operating and clamping voltage
Integrated structure saves board space and
increases reliability
Solid-state silicon-avalanche technology
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 12/09/04
Applications
Mechanical Characteristics
The LC01-6 transient voltage suppressor is designed to
protect components which are connected to high
speed telecommunication lines from voltage surges
caused by lightning, electrostatic discharge (ESD), and
electrical fast transients (EFT).
TVS diodes are ideal for use as board level protection
of sensitive semiconductor components. The LC01-6
is designed for metallic mode, secondary line side
protection in digital line card applications. It features
solid-state silicon-avalanche technology for unmatched
transient protection without device degradation. The
LC01-6 combines TVS diodes with low capacitance
compensation diodes to provide an integrated, low
capacitance protection solution. Additional features
include sub-nanosecond response time, a low operat-
ing voltage of 6 volts, and low clamping voltage.
The LC01-6 is suitable for use on T1/E1 and xDSL
interfaces in equipment such as base stations, routers,
and channel service units. The LC01-6 meets the long-
haul (outer-building) transient immunity requirements
of Bellcore 1089, FCC Part 68 (Type A and B surges),
ITU K.20 and K.21, and IEC 61000-4-5.
SO-16W (Top View)
JEDEC SO-16W package
UL 497B listed
Molding compound flammability rating: UL 94V-0
Marking : Part number, date code, logo
Packaging : Tube or Tape and Reel per EIA 481
T1/E1 Line Cards
Base Stations
WAN Interfaces
xDSL Interfaces
CSU/DSU Equipment


同様の部品番号 - LC01-6.TD

メーカー部品番号データシート部品情報
logo
Semtech Corporation
LC01-6.TD SEMTECH-LC01-6.TD Datasheet
199Kb / 7P
   Low Capacitance TVS for High-Speed Telecommunication Systems
More results

同様の説明 - LC01-6.TD

メーカー部品番号データシート部品情報
logo
Semtech Corporation
LC01-6 SEMTECH-LC01-6 Datasheet
202Kb / 7P
   Low Capacitance TVS for High-Speed Telecommunication Systems
LC01-6 SEMTECH-LC01-6_04 Datasheet
199Kb / 7P
   Low Capacitance TVS for High-Speed Telecommunication Systems
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
LC03-6 SEMTECH-LC03-6_08 Datasheet
285Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
LC03-6 TECHPUBLIC-LC03-6 Datasheet
2Mb / 5P
   Low Capacitance TVS for High-Speed Date interfaces
logo
Semtech Corporation
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
SRDA12-4 LEIDITECH-SRDA12-4 Datasheet
279Kb / 3P
   Low Capacitance TVS Diode Array For High Speed Interface
SRDA3.3-4 LEIDITECH-SRDA3.3-4_V01 Datasheet
278Kb / 3P
   Low Capacitance TVS Diode Array For High Speed Interface
logo
Littelfuse
SP03-6BTG LITTELFUSE-SP03-6BTG Datasheet
184Kb / 6P
   Low Capacitance TVS protection for high-speed data interfaces
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com