データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC01-6.T データシート(PDF) 6 Page - Semtech Corporation

部品番号 LC01-6.T
部品情報  Low Capacitance TVS for High-Speed Telecommunication Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SEMTECH [Semtech Corporation]
ホームページ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC01-6.T データシート(HTML) 6 Page - Semtech Corporation

  LC01-6.T Datasheet HTML 1Page - Semtech Corporation LC01-6.T Datasheet HTML 2Page - Semtech Corporation LC01-6.T Datasheet HTML 3Page - Semtech Corporation LC01-6.T Datasheet HTML 4Page - Semtech Corporation LC01-6.T Datasheet HTML 5Page - Semtech Corporation LC01-6.T Datasheet HTML 6Page - Semtech Corporation LC01-6.T Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
LC01-6
Outline Drawing - SO-16W
Land Pattern - SO-16W
INCHES
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
.405
.050 BSC
NOTES:
REFERENCE JEDEC STD MS-013, VARIATION AA.
-A-
DATUMS
AND
TO BE DETERMINED AT DATUM PLANE
OR GATE BURRS.
DIMENSIONS "E1" AND "D" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS
4.
2.
3.
1.
-B-
-H-
13
2
b
.012
SEE DETAIL
SIDE VIEW
B
A
N
ccc
aaa
bbb
01
E1
E
L
L1
e
D
c
.015
.007
.397
.291
A
D
A2
A1
DIM
A
MIN
.003
.080
.092
0.51
0.31
.020
-
-
0.33
1.27
10.30
7.60
DETAIL
A
0.20
0.40
10.10
7.40
16
.013
.004
-
.010
.033
(.055)
-
.401
.295
.050
.013
.405
.299
16
0.10
0.33
0.25
-
(1.40)
0.83
10.20
7.50
10.30 BSC
1.27 BSC
-
MILLIMETERS
MAX
0.30
2.55
2.65
MIN
DIMENSIONS
0.10
2.05
MAX
NOM
-
-
-
.012
.100
.104
NOM
2.35
-
-
-
01
c
(L1)
L
H
GAGE
0.25
PLANE
e
N
E/2
E1
E
e/2
D
A1
A2 A
bxN
bbb
C A-B D
SEATING
PLANE
C
aaa C
J
(.025)
(0.63)
R
(.030)
(0.76)
h
(.020)
(0.51)
R
ccc C
h x 45°
J
DIM
Z
E
G
X
C
D
MILLIMETERS
INCHES
(9.20)
.448
.350
.023
.275
.050
(.362)
11.40
1.27
0.60
7.00
8.89
DIMENSIONS
Y
.086
2.20
C
Z
D
E
X
Y
G


同様の部品番号 - LC01-6.T

メーカー部品番号データシート部品情報
logo
Semtech Corporation
LC01-6.TD SEMTECH-LC01-6.TD Datasheet
199Kb / 7P
   Low Capacitance TVS for High-Speed Telecommunication Systems
More results

同様の説明 - LC01-6.T

メーカー部品番号データシート部品情報
logo
Semtech Corporation
LC01-6 SEMTECH-LC01-6 Datasheet
202Kb / 7P
   Low Capacitance TVS for High-Speed Telecommunication Systems
LC01-6 SEMTECH-LC01-6_04 Datasheet
199Kb / 7P
   Low Capacitance TVS for High-Speed Telecommunication Systems
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
LC03-6 SEMTECH-LC03-6_08 Datasheet
285Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
LC03-6 TECHPUBLIC-LC03-6 Datasheet
2Mb / 5P
   Low Capacitance TVS for High-Speed Date interfaces
logo
Semtech Corporation
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
SRDA12-4 LEIDITECH-SRDA12-4 Datasheet
279Kb / 3P
   Low Capacitance TVS Diode Array For High Speed Interface
SRDA3.3-4 LEIDITECH-SRDA3.3-4_V01 Datasheet
278Kb / 3P
   Low Capacitance TVS Diode Array For High Speed Interface
logo
Littelfuse
SP03-6BTG LITTELFUSE-SP03-6BTG Datasheet
184Kb / 6P
   Low Capacitance TVS protection for high-speed data interfaces
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com