データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M1000-M05-L225-C1 データシート(PDF) 5 Page - GSI Group, Inc.

部品番号 M1000-M05-L225-C1
部品情報  Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROESYS [GSI Group, Inc.]
ホームページ  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1000-M05-L225-C1 データシート(HTML) 5 Page - GSI Group, Inc.

  M1000-M05-L225-C1 Datasheet HTML 1Page - GSI Group, Inc. M1000-M05-L225-C1 Datasheet HTML 2Page - GSI Group, Inc. M1000-M05-L225-C1 Datasheet HTML 3Page - GSI Group, Inc. M1000-M05-L225-C1 Datasheet HTML 4Page - GSI Group, Inc. M1000-M05-L225-C1 Datasheet HTML 5Page - GSI Group, Inc. M1000-M05-L225-C1 Datasheet HTML 6Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
MicroE Systems offers a wide array of chrome on glass scales for the highest accuracy and best thermal stability. Easy to install, standard
linear and rotary scales meet most application requirements. Customized linear, rotary, and rotary segment scales are available where
needed. All scales include an optical index. Mercury's glass scales save time by eliminating motion system calibrations or linearity
corrections required by other encoders, and provide better thermal stability than metal tape scales.
Options include:
Standard linear: 18mm - 2m
Standard rotary: 12mm - 107.95mm diameter, with or without hubs
Custom linear*: special lengths, widths, thickness, index mark locations and special low CTE materials
Custom rotary*: special ID's, OD's (up to 304.8mm), index mark outside the main track and special low CTE materials
Mounting of hubs for rotary scales: MicroE Systems can mount and align standard, custom, or customer-supplied hubs
Rotary segments*: any angle range; wide range of radius values
*Custom scales or rotary segments are available in OEM quantities. Contact your local MicroE Systems sales office.
Specifications
Accuracy
±5 µm <1m
±5 µm/m >1m
Material
Soda lime glass
Typical CTE
8ppm/°C
Index
Center or End
Specifications
Accuracy
±3µm standard
±1µm available
Material
Soda lime glass
Typical CTE
8ppm/°C
Index
Center or End
Standard Long Linear Scales
155mm and Longer
Key: inches[mm]
Standard Short Linear Scales
130mm and Shorter
Key: inches[mm]
Measured Length
is always 5 mm less
then total length
0.098 [2.5]
0.787 [20.00]
Center Index
End Index
Scale Length
Model
L18
L30
L55
L80
L105
L130
Scale Length
0.709 [18]
1.181 [30]
2.165 [55]
3.150 [80]
4.134 [105]
5.118 [130]
Measured Length
0.512 [13]
0.984 [25]
1.969 [50]
2.953 [75]
3.937 [100]
4.921 [125]
Measured Length
is always 5 mm less
then total length
Scale Length
Center Index
0.250 [6.35]
0.036 [0.9]
End Index
Model
L155
L225
L325
L425
L525
L1025
L2025
Scale length
6.102 [155]
8.858 [225]
12.795 [325]
16.732 [425]
20.669 [525]
40.354 [1025] 79.724 [2025]
Measured length
5.906 [150]
8.661 [220]
12.598 [320]
16.535 [420]
20.472 [520]
40.157 [1020] 79.528 [2020]
Scale Specifications
Standard and Customized Scales
Custom scales available
Custom scales available


同様の部品番号 - M1000-M05-L225-C1

メーカー部品番号データシート部品情報
logo
Tripp Lite. All Rights ...
M100003BK TRIPPLITE-M100003BK Datasheet
471Kb / 2P
   Black USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
M100003WH TRIPPLITE-M100003WH Datasheet
479Kb / 2P
   White USB Sync - Charge Cable with Lightning Connector, 3-ft. (1M)
M100006BK TRIPPLITE-M100006BK Datasheet
472Kb / 2P
   Black USB Sync - Charge Cable with Lightning Connector, 6-ft. (1.8M)
M100006WH TRIPPLITE-M100006WH Datasheet
480Kb / 2P
   White USB Sync - Charge Cable with Lightning Connector, 6-ft. (1.8M)
logo
List of Unclassifed Man...
M10001901 ETC2-M10001901 Datasheet
23Kb / 1P
   Ratchet Crimping Tool
More results

同様の説明 - M1000-M05-L225-C1

メーカー部品番号データシート部品情報
logo
GSI Group, Inc.
M1200 MICROESYS-M1200 Datasheet
397Kb / 5P
   Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
   Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
logo
Nippon Precision Circui...
SM3470BB NPC-SM3470BB Datasheet
474Kb / 19P
   Interpolation Encoder IC
logo
List of Unclassifed Man...
IP200 ETC-IP200 Datasheet
301Kb / 30P
   Interpolation Circuit for Incremental Measuring Systems
logo
Contec Co., Ltd
AO-1604LX-USB CONTEC-AO-1604LX-USB Datasheet
910Kb / 5P
   High-Resolution Analog Output Unit for USB
DAI16-4GY CONTEC-DAI16-4GY Datasheet
206Kb / 3P
   Isolated High-Resolution Analog Output Module
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com