データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVCH32501 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74ALVCH32501
部品情報  36-bit universal bus transceiver with direction pin; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH32501 データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74ALVCH32501 Datasheet HTML 3Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH32501 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
2004 Oct 13
7
Philips Semiconductors
Product specification
36-bit universal bus transceiver with direction pin;
3-state
74ALVCH32501
DC CHARACTERISTICS
Over recommended operating conditions; voltages are referenced to GND (ground=0V).
Notes
1. All typical values are at VCC = 3.3 V and Tamb =25 °C.
2. For I/O ports, the parameter IOZ includes the input leakage current.
3. Valid for data inputs of bus-hold parts.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 °C to +85 °C
VIH
HIGH-level input
voltage
2.3 to 2.7
1.7
1.2
V
2.7 to 3.6
2.0
1.5
V
VIL
LOW-level input
voltage
2.3 to 2.7
1.2
0.7
V
2.7 to 3.6
1.5
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −100 µA
2.3 to 3.6
VCC − 0.2
VCC
V
IO = −6 mA
2.3
VCC − 0.3
VCC − 0.08 −
V
IO = −12 mA
2.3
VCC − 0.6
VCC − 0.26 −
V
IO = −12 mA
2.7
VCC − 0.5
VCC − 0.14 −
V
IO = −12 mA
3.0
VCC − 0.6
VCC − 0.09 −
V
IO = −24 mA
3.0
VCC − 1.0
VCC − 0.28 −
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO = 100 µA
2.3 to 3.6
GND
0.20
V
IO = 6 mA
2.3
0.07
0.40
V
IO = 12 mA
2.3
0.15
0.70
V
IO = 12 mA
2.7
0.14
0.40
V
IO = 24 mA
3.0
0.27
0.55
V
II
input leakage current
VI =VCC or GND
2.3 to 3.6
−±0.1
±5
µA
IOZ
3-state output
OFF-state current
VI =VIH or VIL;
VO =VCC or GND; note 2
2.3 to 3.6
0.1
±10
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0A
2.3 to 3.6
0.4
80
µA
∆ICC
additional quiescent
supply current given
per data I/O pin with
bus-hold
VI =VCC − 0.6 V;
IO =0A
2.7 to 3.6
150
750
µA
IBHL
bus-hold LOW
sustaining current
VI = 0.7 V; note 3
2.3
45
−−
µA
VI = 0.8 V; note 3
3.0
75
150
−µA
IBHH
bus-hold HIGH
sustaining current
VI = 1.7 V; note 3
2.3
−45
−−
µA
VI = 2.0 V; note 3
3.0
−75
−175
−µA
IBHLO
bus-hold LOW
overdrive current
note 3
3.6
500
−−
µA
IBHHO
bus-hold HIGH
overdrive current
note 3
3.6
−500
−−
µA


同様の部品番号 - 74ALVCH32501

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
74ALVCH32501EC PHILIPS-74ALVCH32501EC Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
logo
Texas Instruments
74ALVCH32501ZKFR TI1-74ALVCH32501ZKFR Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - 74ALVCH32501

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVCH32501 PHILIPS-74ALVCH32501 Datasheet
88Kb / 16P
   36-bit universal bus transceiver with direction pin; 5 V tolerant; 3-state
2000 Mar 16
logo
Texas Instruments
SN74ALVCH32501 TI-SN74ALVCH32501 Datasheet
160Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH32501 TI1-SN74ALVCH32501_13 Datasheet
788Kb / 14P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
logo
Nexperia B.V. All right...
74ALVC16245 NEXPERIA-74ALVC16245 Datasheet
232Kb / 13P
   16-bit transceiver with direction pin; 3-state
Rev. 6 - 5 August 2021
logo
NXP Semiconductors
74ALVC_ALVCH16245 PHILIPS-74ALVC_ALVCH16245_15 Datasheet
104Kb / 17P
   16-bit transceiver with direction pin; 3-state
Rev. 03-12 May 2004
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com