データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX232ECPWRG4 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 MAX232ECPWRG4
部品情報  DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

MAX232ECPWRG4 データシート(HTML) 5 Page - Texas Instruments

  MAX232ECPWRG4 Datasheet HTML 1Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 2Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 3Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 4Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 5Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 6Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 7Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 8Page - Texas Instruments MAX232ECPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MAX232E
www.ti.com
SLLS723B – APRIL 2006 – REVISED NOVEMBER 2009
RECEIVER SECTION
abc
Electrical Characteristics
(1)
over recommended ranges of supply voltage and operating free-air temperature range
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VOH
High-level output voltage
ROUT
IOH = –1 mA
3.5
V
VOL
Low-level output voltage(3)
ROUT
IOL = 3.2 mA
0.4
V
VIT+
Receiver positive-going input threshold voltage
RIN
VCC = 5 V,
TA = 25°C
1.7
2.4
V
VIT–
Receiver negative-going input threshold voltage
RIN
VCC = 5 V,
TA = 25°C
0.8
1.2
V
Vhys
Input hysteresis voltage
RIN
VCC = 5 V
0.2
0.5
1
V
ri
Receiver input resistance
RIN
VCC = 5 V,
TA = 25°C
3
5
7
k
(1)
Test conditions are C1–C4 = 1
μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 5 V and TA = 25°C.
(3)
The algebraic convention, in which the least-positive (most negative) value is designated minimum, is used in this data sheet for logic
voltage levels only.
Switching Characteristics
(1)
VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
TYP
UNIT
tPLH(R)
Receiver propagation delay time, low- to high-level output
500
ns
tPHL(R)
Receiver propagation delay time, high- to low-level output
500
ns
(1)
Test conditions are C1–C4 = 1
μF at VCC = 5 V ± 0.5 V.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): MAX232E


同様の部品番号 - MAX232ECPWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
MAX232ECPWRG4 TI-MAX232ECPWRG4 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232ECPWRG4 TI-MAX232ECPWRG4 Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECPWRG4 TI-MAX232ECPWRG4 Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232ECPWRG4 TI1-MAX232ECPWRG4 Datasheet
1Mb / 27P
[Old version datasheet]   Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
More results

同様の説明 - MAX232ECPWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
MAX232E TI-MAX232E_10 Datasheet
405Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232E TI-TRS232E_10 Datasheet
526Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
TRS232 TI1-TRS232 Datasheet
630Kb / 18P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX232E TI-MAX232E Datasheet
353Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
APRIL 2006
MAX232E TI-MAX232E_09 Datasheet
437Kb / 16P
[Old version datasheet]   DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX232E TI1-MAX232E_16 Datasheet
1Mb / 27P
[Old version datasheet]   Dual RS-232 Driver and Receiver
REVISED AUGUST 2016
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
[Old version datasheet]   MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX202 TI-MAX202 Datasheet
321Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
logo
Exar Corporation
XR32220 EXAR-XR32220 Datasheet
874Kb / 13P
   2-Driver/2-Receiver Intelligent RS-232 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com