データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5433YCPZ データシート(PDF) 8 Page - Analog Devices

部品番号 AD5433YCPZ
部品情報  8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5433YCPZ データシート(HTML) 8 Page - Analog Devices

Back Button AD5433YCPZ Datasheet HTML 4Page - Analog Devices AD5433YCPZ Datasheet HTML 5Page - Analog Devices AD5433YCPZ Datasheet HTML 6Page - Analog Devices AD5433YCPZ Datasheet HTML 7Page - Analog Devices AD5433YCPZ Datasheet HTML 8Page - Analog Devices AD5433YCPZ Datasheet HTML 9Page - Analog Devices AD5433YCPZ Datasheet HTML 10Page - Analog Devices AD5433YCPZ Datasheet HTML 11Page - Analog Devices AD5433YCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD5424/AD5433/AD5445
Rev. B | Page 8 of 32
9
12
DB4
DB1
10
11
DB3
DB2
1
2
3
4
5
6
7
8
20
13
14
15
16
17
18
19
AD5433
(Not to Scale)
IOUT1
IOUT2
GND
DB9
DB8
DB7
DB6
DB5
RFB
VREF
VDD
R/W
CS
NC
NC
DB0 (LSB)
NC = NO CONNECT
Figure 5. AD5433 Pin Configuration (TSSOP)
R/W
CS
NC
NC
DB0
GND
DB9
DB8
DB7
DB6
15
14
13
12
11
1
2
3
4
5
20 19 18 17 16
678 9 10
AD5433
TOP VIEW
PIN 1
INDICATOR
NC = NO CONNECT
Figure 6 AD5433 Pin Configuration (LFCSP).
Table 5. AD5433 Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
19
IOUT1
DAC Current Output.
2
20
IOUT2
DAC Analog Ground. This pin should normally be tied to the analog ground of the system.
3
1
GND
Ground.
4–13
2–11
DB9–DB0
Parallel Data Bits 9 to 0.
14, 15
12, 13
NC
Not Internally Connected.
16
14
CS
Chip Select Input. Active low. Use in conjunction with R/
W to load parallel data to the input latch or to read data
from the DAC register. Rising edge of
CS loads data.
17
15
R/
W
Read/Write. When low, used in conjunction with
CS to load parallel data. When high, use with CS to read back
contents of DAC register.
18
16
VDD
Positive Power Supply Input. These parts can be operated from a supply of 2.5 V to 5.5 V.
19
17
VREF
DAC Reference Voltage Input Terminal.
20
18
RFB
DAC Feedback Resistor Pin. Establish voltage output for the DAC by connecting to external amplifier output.
9
12
DB6
DB3
10
11
DB5
DB4
1
2
3
4
5
6
7
8
20
13
14
15
16
17
18
19
AD5445
(Not to Scale)
IOUT1
IOUT2
GND
DB11
DB10
DB9
DB8
DB7
RFB
VREF
VDD
R/W
CS
DB0 (LSB)
DB1
DB2
Figure 7. AD5445 Pin Configuration (TSSOP)
R/W
CS
DB0
DB1
DB2
GND
DB11
DB10
DB9
DB8
15
14
13
12
11
1
2
3
4
5
20 19 18 17 16
67 89 10
AD5445
TOP VIEW
PIN 1
INDICATOR
Figure 8. AD5445 Pin Configuration (LFCSP)
Table 6. AD5445 Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Description
1
19
IOUT1
DAC Current Output.
2
20
IOUT2
DAC Analog Ground. This pin should normally be tied to the analog ground of the system.
3
1
GND
Ground Pin.
4–15
2–13
DB11–DB0
Parallel Data Bits 11 to 0.
16
14
CS
Chip Select Input. Active low. Used in conjunction with R/W to load parallel data to the input latch or to read data from
the DAC register. Rising edge of CS loads data.
17
15
R/W
Read/Write. When low, use in conjunction with CS to load parallel data. When high, use with CS to read back contents
of DAC register.
18
16
VDD
Positive Power Supply Input. These parts can be operated from a supply of 2.5 V to 5.5 V.
19
17
VREF
DAC Reference Voltage Input Terminal.
20
18
RFB
DAC Feedback Resistor Pin. Establish voltage output for the DAC by connecting to external amplifier output.


同様の部品番号 - AD5433YCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5433YCPZ AD-AD5433YCPZ Datasheet
700Kb / 28P
   High Bandwidth Multiplying DACs
More results

同様の説明 - AD5433YCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5424 AD-AD5424_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5433 AD-AD5433_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
REV. D
AD5445 AD-AD5445_15 Datasheet
1,006Kb / 29P
   8-/10-/12-Bit, High Bandwidth Multiplying DACs with Parallel Interface
Rev. D
AD5424 AD-AD5424 Datasheet
888Kb / 24P
   8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. 0
AD5447 AD-AD5447_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5428 AD-AD5428_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440_15 Datasheet
904Kb / 33P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com