データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA10358FV データシート(PDF) 3 Page - Rohm

部品番号 BA10358FV
部品情報  Dual ground sense operational amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA10358FV データシート(HTML) 3 Page - Rohm

  BA10358FV Datasheet HTML 1Page - Rohm BA10358FV Datasheet HTML 2Page - Rohm BA10358FV Datasheet HTML 3Page - Rohm BA10358FV Datasheet HTML 4Page - Rohm BA10358FV Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Standard ICs
BA10358 / BA10358F / BA10358FV / BA10358N
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = +5 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VIO
—2
7
mV
RS = 50
5
50
nA
IB
45
250
nA
AV
25
100
VICM
0—
VCC – 1.5
V
VO
0—
VCC – 1.5
V
RL = 2k
CMRR
65
80
dB
PSRR
65
100
dB
RS = 50
IQ
0.7
1.2
mA
CS
120
dB
f = 1 kHz input conversion
source
10
20
mA
sink
10
20
mA
IIO
Isource
Isink
Conditions
V / mV
RL
2k
Ω, VCC = 15V
RL =
∞, on All Op - Amps
VIN+ = 1V, VIN– = 0V, VO = 0V
VIN– = 1V, VIN+ = 0V, VO = VCC
Input offset voltage
Input offset current
Input bias current
High-amplitude voltage gain
Common-mode input voltage
Output voltage
Common-mode rejection ratio
Power supply voltage rejection ratio
Quiescent current
Channel separation
Maximum
output current
Electrical characteristic curves
AMBIENT TEMPERATURE: Ta (
°C)
1200
1000
800
600
400
200
0
0
25
50
75 85 100
125
150
Fig. 1 Power dissipation vs. ambient
temperature
BA10358N
BA10358
BA10358F
BA10358FV
POWER SUPPLY VOLTAGE: V
+ (V)
3
2
1
010
20
30
40
VCC
A
IQ
+
Fig. 2 Quiescent current vs. power
supply voltage
FREQUENCY: f (Hz)
140
120
20
100
80
60
40
0
10
100
1k
1
10k
100k
1M 10M
10M
V0
2
VCC
VIN
0.1
µ
Fig. 3 Open loop voltage gain vs.
frequency
+
FREQUENCY: f (Hz)
20
15
10
0
100
1k
10k
100k
1M
100k
Vo
VIN
2k
+
1k 15V
7V
Fig. 4 Maximum output voltage
vs.frequency
AMBIENT TEMPERATURE: Ta (
°C)
0
– 20
0
20
40
60
80
20
40
60
80
100
Fig. 5 Input bias current vs. ambient
temperature
POWER SUPPLY VOLTAGE: V
+ (V)
0
0
10
20
30
40
25
50
75
100
Fig. 6 Input bias current vs. power
supply voltage


同様の部品番号 - BA10358FV

メーカー部品番号データシート部品情報
logo
Rohm
BA10358FV ROHM-BA10358FV	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10358FV ROHM-BA10358FV Datasheet
258Kb / 5P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA10358FV ROHM-BA10358FV Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10358FV ROHM-BA10358FV Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358FV ROHM-BA10358FV Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results

同様の説明 - BA10358FV

メーカー部品番号データシート部品情報
logo
Ceramate Technical
CO324 CERAMATE-CO324 Datasheet
455Kb / 5P
   Quad Ground Sense Operational Amplifier
logo
Rohm
BA2904F ROHM-BA2904F Datasheet
316Kb / 6P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA10358F ROHM-BA10358F Datasheet
258Kb / 5P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA2902HFV-C ROHM-BA2902HFV-C Datasheet
106Kb / 5P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
   Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
   Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com