データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2192F データシート(PDF) 2 Page - Rohm

部品番号 BU2192F
部品情報  Clock generator for personal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2192F データシート(HTML) 2 Page - Rohm

  BU2192F Datasheet HTML 1Page - Rohm BU2192F Datasheet HTML 2Page - Rohm BU2192F Datasheet HTML 3Page - Rohm BU2192F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Multimedia ICs
BU2192F
Pin descriptions
Pin No.
Pin name
Function
Circuit
1
2
3
4
5
6
7
8
CLK2
GND
XTAL I
N.C.
CLK1
N.C.
DVDD
AVDD
Clock output 2 (f2 = 24.5795MHz)
GND
Reference oscillation input
Clock output 1 (f1 = 33.8680MHz)
Digital power supply
Analog power supply
A
B
A
Input / output circuits
Pin
From inside
Pin
To inside
Type A
Type B
1 • 5
3
Absolute maximum ratings (Ta = 25°C)
Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Applied voltage
Input voltage
Storage temperature
Power dissipation
VDD
VIN
Tstg
Pd
– 0.5 ~ + 7.0
– 0.5 ~ VDD + 0.5
– 30 ~ + 125
450
V
V
°C
mW
Do not represent guaranteed performance.
Reduced by 4.5mW for each increase in Ta of 1°C over 25°C.
Not designed for radiation resistance.
Parameter
Symbol
Limits
Unit
Power supply voltage
Input high level voltage
Input low level voltage
Operating temperature
Output load
VDD
VIH
VIL
Topr
CL
– 4.5
0.8
× VDD
0.0
– 5
~ + 5.5
~ VDD
~ 0.2
× VDD
~ + 70
V
V
V
°C
pF
15 (Max.)


同様の部品番号 - BU2192F

メーカー部品番号データシート部品情報
logo
Rohm
BU2190F ROHM-BU2190F Datasheet
46Kb / 4P
   Clock generator for PD
More results

同様の説明 - BU2192F

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC908MR16CFUE FREESCALE-MC908MR16CFUE Datasheet
1Mb / 282P
   On-chip programming firmware for use with host personal computer, Clock generator module (CGM)
logo
Hitachi Semiconductor
HD151TS301RP HITACHI-HD151TS301RP Datasheet
60Kb / 8P
   Clock Generator for Printer
logo
Rohm
BU2190F ROHM-BU2190F Datasheet
46Kb / 4P
   Clock generator for PD
BU2279F ROHM-BU2279F Datasheet
48Kb / 2P
   Clock generator for PC
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Silicon Laboratories
SL28647 SILABS-SL28647 Datasheet
275Kb / 27P
   Clock Generator for Intel짰CK505
logo
Nippon Precision Circui...
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
SpectraLinear Inc
CY28331 SPECTRALINEAR-CY28331 Datasheet
178Kb / 16P
   Clock Generator for AMD??Hammer
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com