データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BU2092FV データシート(PDF) 1 Page - Rohm

部品番号 BU2092FV
部品情報  12-bit, serial IN, parallel OUT driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BU2092FV データシート(HTML) 1 Page - Rohm

  BU2092FV Datasheet HTML 1Page - Rohm BU2092FV Datasheet HTML 2Page - Rohm BU2092FV Datasheet HTML 3Page - Rohm BU2092FV Datasheet HTML 4Page - Rohm BU2092FV Datasheet HTML 5Page - Rohm BU2092FV Datasheet HTML 6Page - Rohm BU2092FV Datasheet HTML 7Page - Rohm BU2092FV Datasheet HTML 8Page - Rohm BU2092FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Standard ICs
BU2090 / BU2090F / BU2090FS /
BU2092 / BU2092F / BU2092FV
12-bit, serial IN, parallel OUT driver
BU2090 / BU2090F / BU2090FS /
BU2092 / BU2092F / BU2092FV
The BU2090, BU2090F, BU2090FS, BU2092, BU2092F, and BU2092FV are 12-bit serial input, parallel output
drivers.
For the BU2090 / F / FS, data input is shifted to the 12-bit internal shift register on the rising edge of a clock pulse.
On the falling edge of the pulse, if the DATA pin is HIGH, the data in the shift register is output in parallel to Q0 to
Q11.
For the BU2092 / F / FV, shift data read at the rising edge of CLOCK is output in parallel to Q0 to Q11 at the rising
edge of LCK. These ICs also have an OE pin, which when HIGH, forces data to be output, regardless of the shift
data state.
Applications
Radio cassette players, telephones, compact audio systems, car stereos, and others
Features
1) Low power dissipation.
2) Operating voltages ranging from 2.7 to 5.5V.
3) Output is Nch open drain.
4) High output withstand voltage of + 25V.
5) Diverse variety of packages.
BU2090 / F / FS: DIP16, SOP16, SSOP-A16
BU2092 / F / FV: DIP18, SOP18, SSOP-A18
(plastic molds)
6) High drive capability; direct lighting of green LED
possible.


同様の部品番号 - BU2092FV

メーカー部品番号データシート部品情報
logo
Rohm
BU2092FV ROHM-BU2092FV Datasheet
258Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2092FV ROHM-BU2092FV Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2092FV ROHM-BU2092FV Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2092FV ROHM-BU2092FV Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2092FV-E2 ROHM-BU2092FV-E2 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
More results

同様の説明 - BU2092FV

メーカー部品番号データシート部品情報
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
   8-bit serial in, parallel out driver IC
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
   8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
   12bit Serial IN / Parallel Out Driver
BU2098F ROHM-BU2098F Datasheet
212Kb / 6P
   8bit Serial IN / Parallel Out Driver
BA829 ROHM-BA829_1 Datasheet
165Kb / 6P
   8bits Serial-In Parallel-Out Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com