データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145192EVK データシート(PDF) 4 Page - Motorola, Inc

部品番号 MC145192EVK
部品情報  Evaluation Board Manual
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145192EVK データシート(HTML) 4 Page - Motorola, Inc

  MC145192EVK Datasheet HTML 1Page - Motorola, Inc MC145192EVK Datasheet HTML 2Page - Motorola, Inc MC145192EVK Datasheet HTML 3Page - Motorola, Inc MC145192EVK Datasheet HTML 4Page - Motorola, Inc MC145192EVK Datasheet HTML 5Page - Motorola, Inc MC145192EVK Datasheet HTML 6Page - Motorola, Inc MC145192EVK Datasheet HTML 7Page - Motorola, Inc MC145192EVK Datasheet HTML 8Page - Motorola, Inc MC145192EVK Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
MC145192EVK
• MC145202EVK
MOTOROLA
4
SUPPORT MATERIAL
To provide further information, the following documents are included:
1.
Schematic diagram of ’192/202EVK.
2.
Separate Bill of Materials for each board.
3.
Parts layout diagram.
4.
Mechanical drawing of board.
5.
MC145192 and MC145202 data sheets.
6.
Printer port diagram.
7.
Typical signal plots for each type of EVK.
PRODUCTION TEST
After assembly is complete, the following alignment and test is performed on ’192EVK (or ’202EVK):
1.
The control program is started in single board ’190EVK (’200EVK) mode.
2.
L menu item is selected.
3.
Power is applied to the board. DIP switch section 1 is closed circuit with all others being open
circuit.
4.
After attaching computer cable, menu item I is selected.
5.
Trim resistor VR1 is adjusted to obtain an output frequency at J8 of 740.999 – 741.001 MHz
(1481.998 – 1482.002 MHz).
6.
Voltage at the control voltage test point is measured. It must be 2.5 – 3.1 V.
7.
When testing more than 1 board, steps 3 – 6 are repeated.
If in step 5 it isn’t possible to obtain a signal on frequency, menu item P should be selected and the cor-
rect printer port address entered. Menu item I would then be selected to reload the data.
BOARD OPERATION
A computer is connected to the DB–25 connector J5. Data is output from the printer port. The printer card
is in slot 0 using the default address in the control program. Data is sent to the PLL device (U1) through
the DIP switch (S1), and 74HCT241 buffer (U5). D2, D3, D4, R19, R20, and R21 are in the data path
between the 74HCT241 and PLL devices. This limits the high level output voltage of the buffer. Voltage
on the PLL device inputs must not be greater than 0.5 V above VCC. A ’192/202 PLL has three output
lines which are routed through a 74LS126 line driver (U2) to the computer.
U5, the 74HCT241, provides isolation, logic translation and a turn–on delay for PLL input lines. Logic
translation is needed from the TTL levels on the printer port to the CMOS levels on the ’192/202 inputs.
Turn–on delay is used to ensure the power–on reset functions properly. The enable line to the PLL must
be held low during power–up.
A 12 V power supply should be used to power the board at J6 (Augat 2SV–02 connector). The 2SV–02
will accept 18–24 AWG bare copper power leads. No tools are needed for connection. If power is proper-
ly connected, LED D2 will be lit.
Power passes from J6 to U3 (LM317 regulator) configured as an 8.5 V regulator. Both boards use 8.5 V
to power the VCO and RF amplifier. Regulators U4 and U7 use the 8.5 V supply to produce 3 V and 5 V.
The ’192 always uses 3 V to power logic and 5 V to power the charge pump, while the ’202 can have
either power both the logic and charge pump. J3 and J4 are jumpers which select voltages for the logic
and charge pump supplies. U4 and U7 are cascaded with U3 to equalize their individual voltage drops.
The PLL loop is composed of the PLL device (U1), 733 – 743 MHz VCO (M1), passive loop filter (R11,
R12, C4, C5, C6) and second harmonic filter amplifier (U6). A passive loop filter was used to keep the


同様の部品番号 - MC145192EVK

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190DT MOTOROLA-MC145190DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190F MOTOROLA-MC145190F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191DT MOTOROLA-MC145191DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191F MOTOROLA-MC145191F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
More results

同様の説明 - MC145192EVK

メーカー部品番号データシート部品情報
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com