データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145202EVK データシート(PDF) 10 Page - Motorola, Inc

部品番号 MC145202EVK
部品情報  Evaluation Board Manual
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145202EVK データシート(HTML) 10 Page - Motorola, Inc

Back Button MC145202EVK Datasheet HTML 6Page - Motorola, Inc MC145202EVK Datasheet HTML 7Page - Motorola, Inc MC145202EVK Datasheet HTML 8Page - Motorola, Inc MC145202EVK Datasheet HTML 9Page - Motorola, Inc MC145202EVK Datasheet HTML 10Page - Motorola, Inc MC145202EVK Datasheet HTML 11Page - Motorola, Inc MC145202EVK Datasheet HTML 12Page - Motorola, Inc MC145202EVK Datasheet HTML 13Page - Motorola, Inc MC145202EVK Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
MC145192EVK
• MC145202EVK
MOTOROLA
10
USER INTERFACE
The user interface consists of numerous character–based, menu–driven screens which are displayed
below. Each screen is shown, along with a description of its purpose.
CONVENTIONS
Some of the PLL screens are necessarily “busy”. Because of this, the program follows several conven-
tions to help the user quickly absorb the screen information. These conventions are briefly described on
a help screen that is available throughout the program. Type the help command, [?], at any time to view
the help screen.
The conventions are as follows:
1.
Command keys are surrounded by [ ]s. Type the letter between the [ ]s to execute the command.
[ ]s are followed by a description of the command.
2.
[–] indicates a command not available to the user. Commands become available when they are
applicable to the currently targeted board.
3.
[ ]s followed by an ! indicate the command will execute immediately. Otherwise a submenu is
displayed from which further choices may be made.
4.
If no changes are desired to an input field, leave the field blank. The previous value will then be
used for that field. Type the TAB key to move to the next input field, or shift–TAB to move to the
prior input field. Type RETURN to store the new input values while remaining on the same screen.
Type Q to store the new values and return to the prior screen.
5.
All numbers are entered as decimal values unless otherwise noted. A $ followed by a value indi–
cates the value is in hexadecimal format. The output port address is in hexadecimal format.
6.
The second line from the top of screen (screen title) states the purpose of the screen.
7.
Screen information that can be changed by the user is displayed in bold or reverse video.
8.
Commands are case independent. X is the same as x.
9.
Frequencies are entered as two numbers, and displayed as one. The two input numbers repre–
sent the desired frequency in MHz, and in kHz. These input values are added together to obtain
the final frequency. Leave either input field blank to retain the prior value for that portion of fre–
quency.


同様の部品番号 - MC145202EVK

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145202 MOTOROLA-MC145202 Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202D MOTOROLA-MC145202D Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202DT MOTOROLA-MC145202DT Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
MC145202F MOTOROLA-MC145202F Datasheet
346Kb / 24P
   Low-Voltage 2.0 GHz PLL Frequency Synthesizer Includes On-Board 64/65 Prescaler
More results

同様の説明 - MC145202EVK

メーカー部品番号データシート部品情報
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com