データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB-402MP データシート(PDF) 2 Page - Rohm

部品番号 LB-402MP
部品情報  High efficiency, two-digit numeric displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

LB-402MP データシート(HTML) 2 Page - Rohm

  LB-402MP Datasheet HTML 1Page - Rohm LB-402MP Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LB-402FP Series
LED displays
!
!
!
!Internal circuit schematic
(example of common anode)
a1
b1
c1
d1
e1
f1
g1
a2
b2
c2
d2
e2
f2
g2
15
13
1
3
4
Dig.1 COM
Dig.2 COM
5
2
1416
1012
8
6
7
11
9
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
Symbol
Unit
Parameter
Red
Storage temperature
Tstg
−30~+85
°C
Operating temperature
Topr
−25~+75
°C
Reverse voltage
VR
5V
Peak forward current
IFP
60
mA
Forward current
IF
20
mA
Power dissipation
PD / seg
60
LB-402VF / VP
Green
5
20
Power dissipation
PD
840
mA
840
60
LB-402MF / MP
mW / seg
60
Pulse width 1ms duty 1 / 5
!
!
!
! Electrical and optical characteristics
(Ta = 25
°C)
Symbol
Unit
Parameter
Red
Spectral
line half
width
∆λ
nm
Peak wavelength
λP
nm
Reverse current
IR
−µA
Forward voltage
VF
Conditions
IF
= 10mA
IF
= 10mA
VR
= 3V
IF
= 10mA
Min.
650
40
2.0
Typ.
100
2.8
Max.
V
Green
Min.
563
40
2.1
Typ.
100
2.8
Max.
Not designed for radiation resistance
!
!
!
! Luminous intensity
λP
Unit
Color
Red
650
Type
LB-402VF
LB-402VP
Min.
2.2
Typ.
5.6
Max.
mcd
Green
563
LB-402MF
LB-402MP
2.2
5.6
mcd
Note : Measured at IF = 10mA


同様の部品番号 - LB-402MP

メーカー部品番号データシート部品情報
logo
Rohm
LB-402MD ROHM-LB-402MD Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
LB-402MD ROHM-LB-402MD Datasheet
945Kb / 4P
   High efficiency, two-digit numeric displays
LB-402MD ROHM-LB-402MD Datasheet
353Kb / 5P
   High efficiency, two-digit numeric displays
LB-402MN ROHM-LB-402MN Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
LB-402MN ROHM-LB-402MN Datasheet
945Kb / 4P
   High efficiency, two-digit numeric displays
More results

同様の説明 - LB-402MP

メーカー部品番号データシート部品情報
logo
Rohm
LB-302FP ROHM-LB-302FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN_17 Datasheet
350Kb / 5P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_11 Datasheet
944Kb / 4P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_1 Datasheet
70Kb / 3P
   High efficiency, two-digit numeric displays
LB-202BL ROHM-LB-202BL Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-602AK2 ROHM-LB-602AK2 Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_11 Datasheet
945Kb / 4P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com