データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-19203-036 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-19203-036
部品情報  Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19203-036 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-19203-036 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19203-036 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192030005
Status:
Active
Description:
Krimptite™ Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 1/4,
Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19203
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Krimptite™, Temp-Terms
Type
Ring
Physical
Barrel Type
Closed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
1/4" (M6)
Wire Size AWG
18, 20, 22
Wire Size mm²
0.25 - 1.50
Material Info
Old Part Number
A-S-122-14T
Reference - Drawing Numbers
Sales Drawing
SD-19203-036
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19203Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable
Tool Kit used in ATP
presses that process
product on tape
0190270026
Mini-Mac™
Applicator
0638854500
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-19203-036

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-19203-016 MOLEX4-SD-19203-016 Datasheet
111Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire
SD-19203-029 MOLEX4-SD-19203-029 Datasheet
90Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal
More results

同様の説明 - SD-19203-036

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0192030016 MOLEX4-0192030016 Datasheet
111Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire
0192030034 MOLEX4-0192030034 Datasheet
67Kb / 2P
   Krimptite??Temp-Term Ring Tongue Terminal for 18 to 22 AWG Wire, Stud Size 10
0190690046 MOLEX4-0190690046 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690045 MOLEX4-0190690045 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690056 MOLEX4-0190690056 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690033 MOLEX4-0190690033 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690062 MOLEX4-0190690062 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690049 MOLEX4-0190690049 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690044 MOLEX4-0190690044 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690055 MOLEX4-0190690055 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com